Electronic Components Datasheet Search
  English  ▼

X  

BQ2201 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2201
Description  SRAM Nonvolatile Controller Unit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2201 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2201 Datasheet HTML 2Page - Texas Instruments BQ2201 Datasheet HTML 3Page - Texas Instruments BQ2201 Datasheet HTML 4Page - Texas Instruments BQ2201 Datasheet HTML 5Page - Texas Instruments BQ2201 Datasheet HTML 6Page - Texas Instruments BQ2201 Datasheet HTML 7Page - Texas Instruments BQ2201 Datasheet HTML 8Page - Texas Instruments BQ2201 Datasheet HTML 9Page - Texas Instruments BQ2201 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
TD220102.eps
VCC
CECON
tPF
tFS
4.75
VPFD
4.25
VSO
tWPT
VOHB
CE
Power-Down Timing
Power-Fail Control (TA = TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Notes
tPF
VCC slew, 4.75V to 4.25V
300
-
-
µs
tFS
VCC slew, 4.25V to VSO
10
-
-
µs
tPU
VCC slew, 4.25V to 4.75V
0
-
-
µs
tCED
Chip-enable propagation
delay
-
7
10
ns
tCER
Chip-enable recovery
40
80
120
ms
Time during which SRAM is
write-protected after VCC
passes VPFD on power-up.
tWPT
Write-protect time
40
100
150
µs
Delay after VCC slews down
past VPFD before SRAM is
write-protected.
Note:
Typical values indicate operation at TA = 25°C.
Caution:
Negative undershoots below the absolute maximum rating of -0.3V in battery-backup mode
may affect data integrity.
Oct. 1998 D
bq2201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com