Electronic Components Datasheet Search
  English  ▼

X  

AD4050 Datasheet(PDF) 11 Page - Analog Devices

Part # AD4050
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4050 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD4050 Datasheet HTML 7Page - Analog Devices AD4050 Datasheet HTML 8Page - Analog Devices AD4050 Datasheet HTML 9Page - Analog Devices AD4050 Datasheet HTML 10Page - Analog Devices AD4050 Datasheet HTML 11Page - Analog Devices AD4050 Datasheet HTML 12Page - Analog Devices AD4050 Datasheet HTML 13Page - Analog Devices AD4050 Datasheet HTML 14Page - Analog Devices AD4050 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Data Sheet
AD4050/AD4056
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 11 of 67
Figure 4. AD4050/AD4056 LFCSP Pin Configuration
Figure 5. AD4050/AD4056 WLCSP Pin Configuration
Table 10. AD4050/AD4056 LFCSP and WLCSP Pin Function Descriptions
LFCSP Pin No.
WLCSP Pin No. Mnemonic
Type
Description
1
B2
GP1
DO
General Purpose Output 1. The GP1 pin is a digital output that can be configured as multiple
device interrupt signals. See the Interrupts and Control Signals section.
2
A1
IN−
AI
Negative Analog Input. See the Analog Inputs section.
3
B1
IN+
AI
Positive Analog Input. See the Analog Inputs section.
4
D1
REF
AI
Reference Input. Decouple the REF pin with a 2.2 μF capacitor to GND. See the Voltage
Reference section.
5
C1, C4, D2
GND
P
Power Supply Ground.
6
D3
VDD
P
Analog Power Supply. Decouple the VDD pin with a 1 μF capacitor to GND. The VDD pin is also
the input to the +1.8 V internal LDO regulator that supplies the CLDO pin supply voltage. See
the Power Supplies section.
7
C3
CLDO
P
ADC Core Power Supply. The CLDO pin is powered by the +1.8 V internal LDO regulator.
Decouple the CLDO pin with a 1 μF capacitor to GND. See the Power Supplies section.
8
D4
VIO
P
Logic Voltage Supply. The VIO pin sets the logic voltage levels for digital inputs and digital
outputs. Decouple the VIO pin with a 1 μF capacitor to GND. See the Power Supplies section.
9
B3
CS
DI
Chip Select Input (Active Low). See the Serial Interface section.
10
B4
SDO
DO
Serial Data Output. See the Serial Interface section.
11
A4
SCLK
DI
Serial Data Clock Input. See the Serial Interface section.
12
A3
SDI
DI
Serial Data Input. See the Serial Interface section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com