Electronic Components Datasheet Search
  English  ▼

X  

AD4050 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4050
Description  Compact, Low Power, 12-Bit, 2 MSPS/500 kSPS Easy Drive SAR ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4050 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4050 Datasheet HTML 19Page - Analog Devices AD4050 Datasheet HTML 20Page - Analog Devices AD4050 Datasheet HTML 21Page - Analog Devices AD4050 Datasheet HTML 22Page - Analog Devices AD4050 Datasheet HTML 23Page - Analog Devices AD4050 Datasheet HTML 24Page - Analog Devices AD4050 Datasheet HTML 25Page - Analog Devices AD4050 Datasheet HTML 26Page - Analog Devices AD4050 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
Data Sheet
AD4050/AD4056
THEORY OF OPERATION
analog.com
Rev. A | 23 of 67
Figure 38. Frequency Response Examples for the Block Averaging Filter
INTERNAL TIMER
The AD4050/AD4056 include an internal timer to generate the
ADC sampling clock in burst averaging mode and autonomous
modes. The sampling frequency in these modes is set by the
FS_BURST_AUTO bit field in the TIMER_CONFIG register and
ranges from 2 MSPS to 111 SPS. See Table 44 in the Register
Details section for the full set of nominal sampling clock frequen-
cies (fOSC) offered on the AD4050/AD4056. The actual sampling
frequency in these modes is guaranteed to be within ±15% of fOSC
(see Table 2). Note that the 2 MSPS and 1 MSPS settings are
invalid for the AD4056. On the AD4056, the FS_BURST_AUTO
register must be updated accordingly before entering the burst
averaging mode or the autonomous modes.
The internal timer also controls the DEV_EN signal delay (see the
Device Enable Signal section). The tPWR_ON delay is set by the
TIMER_PWR_ON bit field, which is also in the TIMER_CONFIG
register. The tPWR_ON settings range from 0.5 μs to 9000 μs. See
Table 44 in the Register Details section for the full set of nominal
tPWR_ON delay options.
POWER SUPPLIES
The AD4050/AD4056 have the following three power domains, the
ranges for which are given in Table 1:
►
VDD is the analog supply rail.
►
CLDO is the +1.8 V ADC core supply rail, generated by an
internal +1.8 V LDO regulator.
►
VIO is the digital interface logic supply rail.
The VDD and VIO supplies must be supplied externally. The CLDO
supply is generated internally by an internal +1.8 V LDO regulator
sourced by the VDD rail. The VDD supply current is a function of
the ADC sampling rate, because it supplies the internal LDO regu-
lator that then supplies the SAR ADC core (see the VDD Power
Dissipation section). In sleep mode, the internal LDO regulator is
powered down to reduce the VDD standby current to 10 nA (see
Table 1 and the Sleep Mode section).
The AD4050/AD4056 have no power supply sequencing require-
ments. The minimum allowable rise time for the VDD and VIO
supplies is 100 μs. It is recommended to perform a device reset
after the VDD and VIO supplies are stable (see the Power-On
Reset section).
It is recommended to decouple the VDD, CLDO, and VIO pins to
GND each with a 1 μF capacitor. When selecting VDD as the VREF
source (as described in the Reference Selection Modes section),
or when driving the VDD and REF pins with a common external
source, it is recommended to decouple VDD and REF with a shared
2.2 μF capacitor.
COMPARATOR OPERATION
The AD4050/AD4056 ADC cores offer a lower power, 12-bit win-
dow comparator mode for autonomous threshold detection and
monitoring. Figure 39 shows a simplified schematic of the window
comparator used in the autonomous modes.
The AD4050/AD4056 have two autonomous sampling modes, as
described in the Autonomous Modes section. When either of
the autonomous modes are enabled, the ADC enters comparator
mode, and the internal timer acts as the sampling clock (see the
Internal Timer section). The comparator steps through a sequence
of comparisons against four user-programmable threshold regions
on each sample and generates alert flags and hardware interrupts
when the signal enters those regions.
Figure 40 illustrates the out-of-bounds regions set by the max-
imum and minimum threshold values. The maximum and mini-
mum thresholds are user-programmable via the MAX_LIMIT and
MIN_LIMIT bit fields. The MAX_LIMIT and MIN_LIMIT fields are
each 12 bits wide for 12-bit comparator resolution. There are also
independent hysteresis settings for maximum and minimum limits,
set by the MAX_HYST and MIN_HYST fields, respectively, that
define a second set of limits for autoclearing the alert signals. See
the Autonomous Modes section for more information.
The data format of the MAX_LIMIT and MIN_LIMIT fields corre-
sponds to the selected input range mode (as described in the
Transfer Function section). The MAX_LIMIT and MIN_LIMIT fields
are in twos complement in differential mode (DATA_FORMAT =
1'b1) and straight binary in single-ended mode (DATA_FORMAT =
1'b0). The MAX_HYST and MIN_HYST fields are always straight
binary regardless of input mode setting.
The comparator includes two alert signals and two sticky alert
bits in the register map. The MAX_INTR and MIN_INTR signals
are the alert signals for maximum and minimum threshold events,
respectively. The MAX_INTR and MIN_INTR signals may be routed
to either or both of the GP0 and GP1 pins (see the Interrupts and
Control Signals section). The MAX_FLAG and MIN_FLAG bits are
sticky, write 1 to clear the bits in the DEVICE_STATUS register.
The DEVICE_STATUS register also includes a threshold overrun bit
(THRESH_OVERRUN) that is set whenever the comparator tries to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com