Electronic Components Datasheet Search
  English  ▼

X  

AD7760 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7760
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 4 Page - Analog Devices

  AD7760 Datasheet HTML 1Page - Analog Devices AD7760 Datasheet HTML 2Page - Analog Devices AD7760 Datasheet HTML 3Page - Analog Devices AD7760 Datasheet HTML 4Page - Analog Devices AD7760 Datasheet HTML 5Page - Analog Devices AD7760 Datasheet HTML 6Page - Analog Devices AD7760 Datasheet HTML 7Page - Analog Devices AD7760 Datasheet HTML 8Page - Analog Devices AD7760 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Data Sheet
AD7767
SPECIFICATIONS
analog.com
Rev. D | 4 of 23
AVDD = DVDD = 2.5 V ± 5%, VDRIVE = 1.8 V to 3.6 V, VREF = 5 V, MCLK = 1.024 MHz, common-mode input = VREF/2, TA = −40°C to +105°C,
unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT DATA RATE (ODR)
AD7767
Decimate by 8
128
kHz
AD7767-1
Decimate by 16
64
kHz
AD7767-2
Decimate by 32
32
kHz
ANALOG INPUT1
Differential Input Voltage
VIN+ − VIN−
±VREF
V p-p
Absolute Input Voltage
VIN+
−0.1
+VREF + 0.1
V
VIN−
−0.1
+VREF + 0.1
V
Common-Mode Input Voltage
VREF/2 − 5%
VREF/2
VREF/2 + 5%
V
Input Capacitance
22
pF
DYNAMIC PERFORMANCE
AD7767
Decimate by 8, ODR = 128 kHz
Dynamic Range2
Shorted inputs
108
109.5
dB
Signal-to-Noise Ratio (SNR)2
Full-scale input amplitude, 1 kHz tone
107
108.5
dB
Spurious-Free Dynamic Range (SFDR)2
Full-scale input amplitude, 1 kHz tone
−128
−116
dB
Total Harmonic Distortion (THD)2
Full-scale input amplitude, 1 kHz tone
−118
−105
dB
Intermodulation Distortion (IMD)2
Tone A = 49.7 kHz, Tone B = 50.3 kHz
Second-Order Terms
−133
dB
Third-Order Terms
−109
dB
AD7767-1
Decimate by 16, ODR = 64 kHz
Dynamic Range2
Shorted inputs
111
112.5
dB
Signal-to-Noise Ratio (SNR)2
Full-scale input amplitude, 1 kHz tone
110
111.5
dB
Spurious-Free Dynamic Range (SFDR)2
Full-scale input amplitude, 1 kHz tone
−128
−116
dB
Total Harmonic Distortion (THD)2
Full-scale input amplitude, 1 kHz tone
−118
−105
dB
Intermodulation Distortion (IMD)2
Tone A = 24.7 kHz, Tone B = 25.3 kHz
dB
Second-Order Terms
−133
dB
Third-Order Terms
−108
dB
AD7767-2
Decimate by 32, ODR = 32 kHz
Dynamic Range2
Shorted inputs
114
115.5
dB
Signal-to-Noise Ratio (SNR)2
Full-scale input amplitude, 1 kHz tone
112
113.5
dB
Spurious-Free Dynamic Range (SFDR)2
Full-scale input amplitude, 1 kHz tone
−128
−116
dB
Total Harmonic Distortion (THD)2
Full-scale input amplitude, 1 kHz tone
−118
−105
dB
Intermodulation Distortion (IMD)2
Tone A = 11.7 kHz, Tone B = 12.3 kHz
dB
Second-Order Terms
−137
dB
Third-Order Terms
−108
dB
DC ACCURACY1
For all devices
Resolution
No missing codes
24
Bits
Differential Nonlinearity2
Guaranteed monotonic to 24 bits
Integral Nonlinearity2
18-bit linearity
±3
±7.6
ppm
Zero Error2
20
μV
Gain Error2
0.0075
0.075
% FS
Zero Error Drift2
15
nV/°C
Gain Error Drift2
0.4
ppm/°C
Common-Mode Rejection Ratio2
50 Hz tone
−110
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com