Electronic Components Datasheet Search
  English  ▼

X  

AD7760 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7760
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7760 Datasheet HTML 15Page - Analog Devices AD7760 Datasheet HTML 16Page - Analog Devices AD7760 Datasheet HTML 17Page - Analog Devices AD7760 Datasheet HTML 18Page - Analog Devices AD7760 Datasheet HTML 19Page - Analog Devices AD7760 Datasheet HTML 20Page - Analog Devices AD7760 Datasheet HTML 21Page - Analog Devices AD7760 Datasheet HTML 22Page - Analog Devices AD7760 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Data Sheet
AD7767
OUTLINE DIMENSIONS
©2007-2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. D | 23 of 23
Package Drawing (Option)
Package Type
Package Description
RU-16
TSSOP
16-Lead Thin Shrink Small Outline Package
For the latest package outline information and land patterns (footprints), go to Package Index.
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
AD7767BRUZ
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
Tube, 96
RU-16
AD7767BRUZ-RL7
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
Reel, 1000
RU-16
AD7767BRUZ-1
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
Tube, 96
RU-16
AD7767BRUZ-1-RL7
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
Reel, 1000
RU-16
AD7767BRUZ-2
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
Tube, 96
RU-16
AD7767BRUZ-2-RL7
−40°C to +105°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
Reel, 1000
RU-16
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
EVAL-AD7767EDZ
Evaluation Board
EVAL-AD7767-1EDZ
Evaluation Board
EVAL-AD7767-2EDZ
Evaluation Board
EVAL-CED1Z
Converter Evaluation and Development Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com