Electronic Components Datasheet Search
  English  ▼

X  

4AT Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # 4AT
Description  SNAP ACTION PRECISION POSITION SWITCHES (RATED 4 AMPS @ 28VDC)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

4AT Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  4AT Datasheet HTML 1Page - Sensata Technologies, Inc. 4AT Datasheet HTML 2Page - Sensata Technologies, Inc. 4AT Datasheet HTML 3Page - Sensata Technologies, Inc. 4AT Datasheet HTML 4Page - Sensata Technologies, Inc. 4AT Datasheet HTML 5Page - Sensata Technologies, Inc. 4AT Datasheet HTML 6Page - Sensata Technologies, Inc. 4AT Datasheet HTML 7Page - Sensata Technologies, Inc. 4AT Datasheet HTML 8Page - Sensata Technologies, Inc. 4AT Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Page 4
Copyright © 2019 Sensata Technologies, Inc.
www.sensata.com
Technical Terms (cont.)
Lamp
In-rush current is the condition that result in the lamp load rating. The resistance rating of a lamp is normally specified when the lamp is hot. However,
when the lamp is cold the resistance is low. This in-rush current can be 10 times the normal current, resulting in welding of the contacts.
Low Level Circuit
Low level circuits are classified in MIL-8805 as those with resistive loads less than 10mA at 30mV. The use of gold plated contacts and the hermetic
enclosure of the switch contacts afford an ideal environment for switching low level loads.
Pretravel
The distance the button moves from the free position to the actuation point.
Free Position
The position of the button when there is no external force other than gravity applied to it.
Actuation Point
The position of the button at which the movable contact snaps from the normally closed contact position to the normally open contact position.
Release Position
The position of the button at which the movable contact snaps from the normally open contact position to the normally closed contact position.
Maximum Overtravel Position
The position of the button when the positive overtravel stop is reached. Further overtravel would damage the switch.
Actuation Force
The force which must be applied to the button to cause the movable contact to snap from the normally closed contact position to the normally open
contact position.
Release Force
The level to which the force on the button must be reduced to allow the contacts to snap from the normally open position to the normally closed contact
position.
Overtravel
The distance that the button can travel beyond the actuation point.
Movement Differential
The distance the button moves from the actuation point to the release point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com