Electronic Components Datasheet Search
  English  ▼

X  

4AT Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 4AT
Description  SNAP ACTION PRECISION POSITION SWITCHES (RATED 4 AMPS @ 28VDC)
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

4AT Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  4AT Datasheet HTML 1Page - Sensata Technologies, Inc. 4AT Datasheet HTML 2Page - Sensata Technologies, Inc. 4AT Datasheet HTML 3Page - Sensata Technologies, Inc. 4AT Datasheet HTML 4Page - Sensata Technologies, Inc. 4AT Datasheet HTML 5Page - Sensata Technologies, Inc. 4AT Datasheet HTML 6Page - Sensata Technologies, Inc. 4AT Datasheet HTML 7Page - Sensata Technologies, Inc. 4AT Datasheet HTML 8Page - Sensata Technologies, Inc. 4AT Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Page 1
Copyright © 2019 Sensata Technologies, Inc.
www.sensata.com
AT SERIES | POSITION SWITCHES
SNAP ACTION PRECISION POSITION SWITCHES (RATED 4 AMPS @ 28VDC)
AT Series
• Flight Control Actuators
• Landing Gear Steering
• Landing Gear Down
& Locked
• Engine Start Quadrant
• Helicopter Litter Door Latch
• Helicopter Rotor Brake
• Helicopter Rotor Brake
• APU Valve Indication
• Throttle Grip Control
• Satellite Applications
• Satellite Arm Extended
• Parachute Release
3AT Series
• Engine Start Valves
• Bleed Air Valves
• Env. Control Systems Valve
• Avionics Cooling Valves
• Anti-Icing Valves
• Fuel Valves
• Thrust Reverser
• Flap Assembly
4AT Series
• Liquid Oxygen Valves
• Solar Array Position
• Satellite Antenna Position
• Mars Observer
• International Space Station Applications
• Lunar Rover Release & Power Up
10AT Series
(MIL-PRF-8805)
• Gearbox
• Blade Fold Indication
• Landing Gear Indication
• Steering Wheel Switch
• Ejection Seat Armed
• Cargo Handling Systems
• Helicopter Rotor Condition
• Helicopter Door Indication
• Antenna Position
• Throttle Quadrant
• Thrust Reverser
• Flight Control Actuators
• EVA Space Suit
• Space Capsule Controls
• Inertial Upper Stage
• Weapons Systems
Features
Introduction
Applications
Nomenclature
KLIXON® hermetic snap–action position switches are ideal for
extremely harsh and demanding environments as found in aircraft,
military, aerospace, and aircraft engines applications. KLIXON®
precision hermetic position switches have been used for over 55 years
in a wide range of applications. Our switches are found on virtually all
commercial and military aircraft, as well as various space vehicles and
satellites worldwide.
Our design library has over 2,000 switch package designs which allow
for “off-the-shelf” solutions to meet most application needs. Custom
designs are also available if the customer’s application requires different
form factors, or actuation methods. We offer a wide choice of precision
position switches ideally suited for mission-critical applications that
require accurate switching in extreme temperatures, high vibration
and shock environments, or in the presence of typical aerospace fluids
including but not limited to coolants, oils, hydraulic fluid, fuel, and de-
icing fluids.
• Qualified per MIL-PRF-8805, Enclosure Symbol 5
• Hermetically sealed with dry nitrogen gas backfill
• Proven snap-action switching, reliable performance and long life
• Excellent shock and vibration resistance
• Switching up to 4 amps
• Optimal for low level circuits
• Temperature range between -275°F and 450°F
• Small, lightweight axis–symmetric design for robustness and reliability
• Single and multiple pole designs available
• Various mounting configurations for custom applications
• Sealed and unsealed plunger options
• Wide range of side plate designs for narrow width applications
• PMA Approvals for various commercial aircraft
• Customer approvals for space and military applications
Precision hermetic position switches are sometimes referred to as:
• Position switches
• Aircraft switches
• Miniature switches
• Hermetic switches
• Aerospace switches
• Sensitive switches
• Limit switches
• Military switches
• Switches


Similar Description - 4AT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
SNAP ACTION SWITCHES-MINIATURE
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
SNAP ACTION SWITCHES
SS0750301F030P1A E-SWITCH-SS0750301F030P1A Datasheet
1,009Kb / 2P
SNAP ACTION SWITCHES - SUB-MINIATURE
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
SNAP ACTION SWITCHES - SUB-MINIATURE
logo
List of Unclassifed Man...
11-304 ETC2-11-304 Datasheet
1Mb / 30P
LICON. SNAP ACTION SWITCHES
logo
SHINMEI ELECTRIC CO., L...
MQS-53 SHINMEI-MQS-53 Datasheet
171Kb / 6P
Compact-sized Snap Action Switches
MQS-54 SHINMEI-MQS-54 Datasheet
311Kb / 11P
Compact-sized Snap Action Switches
logo
TE Connectivity Ltd
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
Snap Action Switches
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
Snap Action Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com