Electronic Components Datasheet Search
  English  ▼

X  

CM1000 Datasheet(PDF) 1 Page - Comus International

Part # CM1000
Description  Tilt Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

CM1000 Datasheet(HTML) 1 Page - Comus International

  CM1000 Datasheet HTML 1Page - Comus International CM1000 Datasheet HTML 2Page - Comus International CM1000 Datasheet HTML 3Page - Comus International CM1000 Datasheet HTML 4Page - Comus International CM1000 Datasheet HTML 5Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Part Number: CM1000 Series
Tilt Switch
Product Data Sheet
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2015 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
1 / 2015
Group
PICTURE
FEATURES
• Resistant to Ambient Environmental Conditions
• Case Material : Tin Plated
• Customization Available
OPERATION
DIFFERENTIAL
ANGLE
HORIZONTAL
CONTACT OPEN
CONTACT CLOSED
Contact Current
5 A at 240 VAC MAX / 10 A at 120 VAC MAX
Contact Capacity (Resistive)
1200 VA MAX
Differential Angle
10° MAX from horizontal
Contact Resistance
3 Ω MAX
Operating Temperature
-37° +100°C
GENERAL SPECIFICATIONS
DIMENSIONS
1.50 (38.1)
1.25 (31.7)
PIN
Ø 0.09
(Ø 2.3)
PIN
Ø 0.09
(Ø 2.3)
Ø 0.44
(Ø 11.0)
0.25
(6.3)
Part Number: CM1000-0
1.78 (45.2)
1.50 (38.1)
1.25 (31.7)
0.187
(4.75)
0.187
(4.7)
1.25 (31.7)
0.35
(9.0)
0.25 (6.3)
Part Number: CM1000-2
Part Number: CM1000-4
WELD
TERMINAL
1.25 (31.7)
1.50 (38.1)
0.25
(6.3)
Part Number: CM1000-5
Drawings not to scale. All dimensions in inches (mm) nominal.
Click drawings for more information.
Click drawings for more information.
Ø 0.44
(Ø 11.0)
Ø 0.44
(Ø 11.0)
Ø 0.44
(Ø 11.0)


Similar Part No. - CM1000

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
CM1000 PANJIT-CM1000 Datasheet
65Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 10 to 35 Amperes)
logo
Transys Electronics
CM1000 TRSYS-CM1000 Datasheet
160Kb / 2P
HIGH CURRENT SILICON BRIDGE RECTIFIERS
logo
Chicago Miniature Lamp,...
CM1000 CML-CM1000 Datasheet
218Kb / 1P
RP-11 Single Contact Bayonet Base
logo
Visual Communications C...
CM1000 VCC-CM1000 Datasheet
32Kb / 1P
Contact Bayonet Base
logo
Mitsubishi Electric Sem...
CM1000DU-34NF MITSUBISHI-CM1000DU-34NF Datasheet
95Kb / 3P
HIGH POWER SWITCHING USE
More results

Similar Description - CM1000

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
4859 AEC-4859 Datasheet
186Kb / 1P
Tilt Switch - Mercury
4929 AEC-4929 Datasheet
182Kb / 1P
Tilt Switch - Mercury
20144 AEC-20144 Datasheet
157Kb / 1P
Tilt Switch - Mercury
A-001 AEC-A-001 Datasheet
174Kb / 1P
Tilt Switch - Mercury
A1-003 AEC-A1-003 Datasheet
89Kb / 1P
Tilt Switch / Mercury
A1-009 AEC-A1-009 Datasheet
233Kb / 1P
Tilt Switch - Mercury
A1S-017 AEC-A1S-017 Datasheet
178Kb / 1P
Tilt Switch - Mercury
DS-120 AEC-DS-120 Datasheet
161Kb / 2P
tilt sensor / tilt switch
T08-20201 AEC-T08-20201 Datasheet
172Kb / 1P
Tilt Switch - Mercury
T08-20808 AEC-T08-20808 Datasheet
176Kb / 1P
Tilt Switch - Mercury
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com