Electronic Components Datasheet Search
  English  ▼

X  

CM1000 Datasheet(PDF) 2 Page - Comus International

Part # CM1000
Description  Tilt Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

CM1000 Datasheet(HTML) 2 Page - Comus International

  CM1000 Datasheet HTML 1Page - Comus International CM1000 Datasheet HTML 2Page - Comus International CM1000 Datasheet HTML 3Page - Comus International CM1000 Datasheet HTML 4Page - Comus International CM1000 Datasheet HTML 5Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Part Number: CM1000 Series
Tilt Switch
Product Data Sheet
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2015 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
1 / 2015
Group
DIMENSIONS
0.35
(9.0)
0.25 (6.3)
Ø 0.44
(Ø 11.0)
0.187
(4.7)
Part Number: CM1000-20
0.440
MAX
(11.44)
0.250 (6.35)
1.25 (31.75)
18.50 (469.9)
RESISTANCE
WELDED
RESISTANCE
WELDED
Part Number: CM1000-25
4.50 (114.3)
12.0 (304.8)
24.0 (609.6)
7.00 (177.8)
6.00 (152.4)
24.0 (609.6)
1.82 (46.20)
1.82 (46.20)
1.82 (46.20)
1.82 (46.20)
1.82 (46.20)
1.82 (46.20)
1.78 (45.2)
1.25 (31.7)
0.53
MAX
(13.5)
0.53
MAX
(13.5)
0.58
MAX
(14.7)
0.53
MAX
(13.5)
0.58
MAX
(14.7)
0.58
MAX
(14.7)
0.500
(12.7)
0.250
(6.35)
0.250
(6.35)
0.250
(6.35)
0.31
(7.87)
0.500
(12.7)
PLASTIC
HOUSING
PLASTIC
HOUSING
PLASTIC
HOUSING
PLASTIC
HOUSING
PLASTIC
HOUSING
PLASTIC
HOUSING
WIRE #26 AWG,
YELLOW PVC INSULATION
WIRE #18 AWG, STRANDED
COPPER, BLACK
NEOPRENE INSULATION
WIRE #18 AWG, STRANDED
COPPER, BLACK
NEOPRENE INSULATION
WIRE #16 AWG, STRANDED
COPPER, WHITE
PVC INSULATION
WIRE #18 OR #19 AWG,
STRANDED COPPER,
BLACK NEOPRENE INSULATION
WIRE #16 AWG, STRANDED
COPPER, BLACK
PVC INSULATION
Part Number: CM1000-60
Part Number: CM1000-71
Part Number: CM1000-73
Part Number: CM1000-70
Part Number: CM1000-72
Part Number: CM1000-74
Drawings not to scale. All dimensions in inches (mm) nominal.
Click drawings for more information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com