Electronic Components Datasheet Search
  English  ▼

X  

SLUS280A Datasheet(PDF) 2 Page - Texas Instruments

Part # SLUS280A
Description  Half-Bridge Bipolar Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLUS280A Datasheet(HTML) 2 Page - Texas Instruments

  SLUS280A Datasheet HTML 1Page - Texas Instruments SLUS280A Datasheet HTML 2Page - Texas Instruments SLUS280A Datasheet HTML 3Page - Texas Instruments SLUS280A Datasheet HTML 4Page - Texas Instruments SLUS280A Datasheet HTML 5Page - Texas Instruments SLUS280A Datasheet HTML 6Page - Texas Instruments SLUS280A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
UC2950
SWITCHING CHARACTERISTICS: See Test Circuit. VC = 12V, RL = 5
Ω, TA = 25°C. Guaranteed by design, not 100% tested
in production.
PARAMETERS
MIN
TYP
MAX
UNITS
Source Turn-On Delay, tD1
300
500
ns
Source Turn-Off Delay, tD2
1.0
2.0
µs
Sink Turn-On Delay, tD3
200
400
ns
Sink Turn-Off Delay, tD4
100
300
ns
Cross-Conduction Current Spike When Source
and Sink are Activated Together
0.6
1.0
µs
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, VC = 35V, TA = -20°C to +100°C, VIL = 0.8V, VIH = 2.4V for
either input, TA =TJ.
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output Leakage to VC
Output Off
20
500
µA
Output Leakage to Ground
Output Off
–200
–500
µA
Output Sink Saturation
VOL, IL = 2.0A
1.2
2.0
V
Output Source Saturation
(VC-VOL), IL = –2.0A
1.2
2.0
V
Sink Diode Forward Voltage
ID = –2.0A
1.4
2.0
V
Source Diode Forward Voltage
ID = 2.0A
1.4
2.0
V
Input Current
Either Input, VI = 5V
20
100
µA
Either Input, VI = 0V
–1.0
–1.6
mA
Supply Current
Output High
20
36
mA
Output Low
10
20
mA
SWITCHING TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com