Electronic Components Datasheet Search
  English  ▼

X  

SLUS280A Datasheet(PDF) 6 Page - Texas Instruments

Part # SLUS280A
Description  Half-Bridge Bipolar Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLUS280A Datasheet(HTML) 6 Page - Texas Instruments

  SLUS280A Datasheet HTML 1Page - Texas Instruments SLUS280A Datasheet HTML 2Page - Texas Instruments SLUS280A Datasheet HTML 3Page - Texas Instruments SLUS280A Datasheet HTML 4Page - Texas Instruments SLUS280A Datasheet HTML 5Page - Texas Instruments SLUS280A Datasheet HTML 6Page - Texas Instruments SLUS280A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MAX
ALL AROUND
0.07 MAX
ALL AROUND
(1.45)
(2)
(R0.05) TYP
4X (1.45)
4X (2)
5X (
1.2)
(1.7) TYP
(6.8)
FULL R
TYP
TO-220 - 16.51 mm max height
KC0005A
TO-220
4215009/A 01/2017
LAND PATTERN
NON-SOLDER MASK DEFINED
SCALE:12X
PKG
PKG
METAL
TYP
SOLDER MASK
OPENING, TYP
1
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com