Electronic Components Datasheet Search
  English  ▼

X  

042-1920 Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # 042-1920
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

042-1920 Datasheet(HTML) 1 Page - Elma Electronic Ltd

  042-1920 Datasheet HTML 1Page - Elma Electronic Ltd 042-1920 Datasheet HTML 2Page - Elma Electronic Ltd 042-1920 Datasheet HTML 3Page - Elma Electronic Ltd 042-1920 Datasheet HTML 4Page - Elma Electronic Ltd 042-1920 Datasheet HTML 5Page - Elma Electronic Ltd 042-1920 Datasheet HTML 6Page - Elma Electronic Ltd 042-1920 Datasheet HTML 7Page - Elma Electronic Ltd 042-1920 Datasheet HTML 8Page - Elma Electronic Ltd 042-1920 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
34
Technical Data and Modified Versions see page 140-143
Classic Collet Knobs and
Accessories
•
modular collet knob system
for various shaft diameters
•
excellent surface finish
(matt/glossy)
•
special colors on request
Overview Standard Knobs
Knob program additions on page 46, soft touch and new look knobs on page 47 -48
Knob ø
Shaft ø
9 mm
10 mm
14,5 mm
21 mm
28 mm
36 mm
45 mm
2 mm
••
3 mm
•••
4 mm
•••
6 mm
•••••
1/8”
•••
1/4”
•••••
Wing knob
••••
Crank knob
•
other shaft diameters
see page 141
page 35
page 36-37
page 38-39
page 40-41
page 42-43
page 44
page 45
Crank knob
Figure dial
Nut cover
Stator
Pointer
Cap
Knob
Wing
knob


Similar Part No. - 042-1920

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
042-5049.0 PULSE-042-5049.0 Datasheet
75Kb / 1P
LAMINATED TRANSFORMERS
042-5052.0 PULSE-042-5052.0 Datasheet
75Kb / 1P
LAMINATED TRANSFORMERS
042-5055.0 PULSE-042-5055.0 Datasheet
75Kb / 1P
LAMINATED TRANSFORMERS
042-5058.0 PULSE-042-5058.0 Datasheet
75Kb / 1P
LAMINATED TRANSFORMERS
042-5061.0 PULSE-042-5061.0 Datasheet
75Kb / 1P
LAMINATED TRANSFORMERS
More results

Similar Description - 042-1920

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
45KN021-GRX ETC2-45KN021-GRX Datasheet
88Kb / 1P
Knobs
1910DG ETC2-1910DG Datasheet
47Kb / 2P
KNOBS AND DIAL PLATES
45KN013-GRX ETC1-45KN013-GRX Datasheet
79Kb / 1P
Knobs
45KN021-GRX ETC1-45KN021-GRX_09 Datasheet
117Kb / 1P
Knobs
450-0125 ETC2-450-0125 Datasheet
131Kb / 1P
Knobs
450-6003 ETC2-450-6003 Datasheet
125Kb / 2P
Knobs
450-BA160 ETC2-450-BA160 Datasheet
79Kb / 1P
Knobs
450-CK1532 ETC2-450-CK1532 Datasheet
92Kb / 1P
Collet Knobs
450-KB100 ETC2-450-KB100 Datasheet
146Kb / 1P
Knobs
450-MAS51 ETC2-450-MAS51 Datasheet
72Kb / 1P
Knobs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com