Electronic Components Datasheet Search
  English  ▼

X  

042-1920 Datasheet(PDF) 6 Page - Elma Electronic Ltd

Part # 042-1920
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

042-1920 Datasheet(HTML) 6 Page - Elma Electronic Ltd

Back Button 042-1920 Datasheet HTML 2Page - Elma Electronic Ltd 042-1920 Datasheet HTML 3Page - Elma Electronic Ltd 042-1920 Datasheet HTML 4Page - Elma Electronic Ltd 042-1920 Datasheet HTML 5Page - Elma Electronic Ltd 042-1920 Datasheet HTML 6Page - Elma Electronic Ltd 042-1920 Datasheet HTML 7Page - Elma Electronic Ltd 042-1920 Datasheet HTML 8Page - Elma Electronic Ltd 042-1920 Datasheet HTML 9Page - Elma Electronic Ltd 042-1920 Datasheet HTML 10Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
39
with line, grey: glossy
30° black: glossy
043-3110
043-3220
9.7
ø14
ø26
Marking
ø26
7.5
ø 13.7
ø2
ø10
Marking
Marking
ø 26 mm
042-3000 042-3100 042-3200 042-3300 042-3400 042-3500 042-3600 042-3700 042-3800 042-3802
ø 44 mm
042-3010 -
-
-------
30
0–11
0
1
11
–
–
30
1–12
1
2
12
36
0–9
0
1
9
36
1–10
1
2
10
60
0–5
0
60
1–6
1
22,5
0–F
0
1
F
–
–
–
–
Pointer dial
Stator
Marking
Surface
grey
black
red
matt
042-3915
042-3925
042-3935
glossy
042-3910
042-3920
042-3930
packing unit: 100 pieces
packing unit: 100 pieces
Nut cover
packing unit: 100 pieces
Figure dial (same dimension as pointer dial)
packing unit: 100 pieces
ø17
ø 18.7
Marking
Surface
grey
black
red
matt
044-3015
044-3025
044-3035
glossy
044-3010
044-3020
044-3030
matt
044-3115
044-3125
044-3135
glossy
044-3110
044-3120
044-3130
matt
044-3215
044-3225
044-3235
glossy
044-3210
044-3220
044-3230
without line
with line
only for wing
with knob



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com