Electronic Components Datasheet Search
  English  ▼

X  

044-2020 Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # 044-2020
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

044-2020 Datasheet(HTML) 2 Page - Elma Electronic Ltd

  044-2020 Datasheet HTML 1Page - Elma Electronic Ltd 044-2020 Datasheet HTML 2Page - Elma Electronic Ltd 044-2020 Datasheet HTML 3Page - Elma Electronic Ltd 044-2020 Datasheet HTML 4Page - Elma Electronic Ltd 044-2020 Datasheet HTML 5Page - Elma Electronic Ltd 044-2020 Datasheet HTML 6Page - Elma Electronic Ltd 044-2020 Datasheet HTML 7Page - Elma Electronic Ltd 044-2020 Datasheet HTML 8Page - Elma Electronic Ltd 044-2020 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
35
Marking
ø 17 mm
042-1000
042-1100 042-1200 042-1300 042-1400 042-1500 042-1600 042-1700 042-1800 042-1802
30
0–11
0
1
11
–
–
30
1–12
1
2
12
36
0–9
0
1
9
36
1–10
1
2
10
60
0–5
0
60
1–6
1
22,5
0–F
0
1
F
–
–
–
–
Marking
Surface
grey
black
red
matt
042-1915
042-1925
042-1935
glossy
042-1910
042-1920
042-1930
with line grey: glossy
30° black: glossy
043-2111
043-2221
12
11
5.2
2.3
1
ø10
0.7
ø5.7
ø17
Marking
ø17
6
ø 5.6
ø2
ø 4.2
Marking
Knob
Cap
Pointer
Pointer dial
Stator
Figure dial (same dimension as pointer dial)
Marking
Surface
grey
black
red
blue
yellow
green
matt
040-1015
040-1025
040-1035
040-1045
040-1055
040-1065
glossy
040-1010
040-1020
040-1030
040-1040
040-1050
040-1060
matt
040-1615
040-1625
040-1635
040-1645
040-1655
040-1665
glossy
040-1610
040-1620
040-1630
040-1640
040-1650
040-1660
with line
without line
packing unit: 100 pieces
packing unit: 100 pieces
packing unit: 100 pieces
packing unit: 100 pieces
packing unit: 100 pieces
packing unit: 100 pieces
Knob ø 9mm
Marking
ø
grey
black
matt
glossy
matt
glossy
2
020-1015
020-1010
020-1025
020-1020
3
020-1115
020-1110
020-1125
020-1120
1/8”
020-1215
020-1210
020-1225
020-1220
2
021-1015
021-1010
021-1025
021-1020
3
021-1115
021-1110
021-1125
021-1120
1/8”
021-1215
021-1210
021-1225
021-1220
without line
with line
Surface
grey
black
red
blue
yellow
green
matt
041-1015
041-1025
041-1035
041-1045
041-1055
041-1065
glossy
041-1010
041-1020
041-1030
041-1040
041-1050
041-1060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com