Electronic Components Datasheet Search
  English  ▼

X  

044-2020 Datasheet(PDF) 4 Page - Elma Electronic Ltd

Part # 044-2020
Description  Classic Collet Knobs and Accessories
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

044-2020 Datasheet(HTML) 4 Page - Elma Electronic Ltd

  044-2020 Datasheet HTML 1Page - Elma Electronic Ltd 044-2020 Datasheet HTML 2Page - Elma Electronic Ltd 044-2020 Datasheet HTML 3Page - Elma Electronic Ltd 044-2020 Datasheet HTML 4Page - Elma Electronic Ltd 044-2020 Datasheet HTML 5Page - Elma Electronic Ltd 044-2020 Datasheet HTML 6Page - Elma Electronic Ltd 044-2020 Datasheet HTML 7Page - Elma Electronic Ltd 044-2020 Datasheet HTML 8Page - Elma Electronic Ltd 044-2020 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
37
ø7
ø
ø
6
ø 5.6
ø2
ø 4.2
Marking
Pointer dial
Stator
Marking
Surface
ø
grey
black
red
matt
17
-
042-2928
-
glossy
17
-
042-2923
-
matt
20
042-2915
042-2925
042-2935
glossy
20
042-2910
042-2920
042-2930
packing unit: 100 pieces
packing unit: 100 pieces
ø14
ø 15.5
Nut cover
packing unit: 100 pieces
Marking
ø 17 mm
042-2001 042-2101 042-2201 042-2301 042-2401 –
–
042-2701 042-2801 -
ø 20 mm
042-2000 042-2100 042-2200 042-2300 042-2400 042-2500 042-2600 042-2700 042-2800 042-2802
30
0–11
0
1
11
–
–
30
1–12
1
2
12
36
0–9
0
1
9
36
1–10
1
2
10
60
0–5
0
60
1–6
1
22,5
0–F
0
1
F
–
–
–
–
Figure dial (same dimension as pointer dial)
packing unit: 100 pieces
Marking
Surface
grey
black
matt
044-2015
044-2025
glossy
044-2010
044-2020
matt
044-2115
044-2125
glossy
044-2110
044-2120
without line
with line
ø
with line grey: glossy
30° black: glossy
17
043-2111
043-2221
20
043-2110
043-2220
Marking
1 mm = 0.04 inch, 1 inch = 25.4 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com