Electronic Components Datasheet Search
  English  ▼

X  

ADP1763 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1763
Description  2 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 8Page - Analog Devices ADP1763 Datasheet HTML 9Page - Analog Devices ADP1763 Datasheet HTML 10Page - Analog Devices ADP1763 Datasheet HTML 11Page - Analog Devices ADP1763 Datasheet HTML 12Page - Analog Devices ADP1763 Datasheet HTML 13Page - Analog Devices ADP1763 Datasheet HTML 14Page - Analog Devices ADP1763 Datasheet HTML 15Page - Analog Devices ADP1763 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ADP1762
Data Sheet
Rev. D | Page 12 of 19
ADJUSTABLE OUTPUT VOLTAGE
The output voltage of the ADP1762 can be set over a 0.5 V to
1.5 V range. Connect a resistor (RADJ) from the VADJ pin to
ground to set the output voltage. To calculate the output
voltage, use the following equation:
VOUT = AD × (RADJ × IADJ)
(3)
where:
AD is the gain factor with a typical value of 3.0 between the
VADJ pin and VOUT pin.
IADJ is the 50.0 μA constant current out of the VADJ pin.
ENABLE FEATURE
The ADP1762 uses the EN pin to enable and disable the VOUT
pins under normal operating conditions. As shown in Figure 27,
when a rising voltage on EN crosses the active threshold, VOUT
turns on. When a falling voltage on EN crosses the inactive
threshold, VOUT turns off.
CH1 200mV
CH2 200mV
M4.0ms
A CH1
768mV
1
T
8.26ms
B
W
B
W
EN
VOUT
Figure 27. Typical EN Pin Operation
As shown in Figure 28, the EN pin has hysteresis built in. This
hysteresis prevents on/off oscillations that can occur due to
noise on the EN pin as it passes through the threshold points.
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
EN VOLTAGE (V)
0.55 0.56 0.57 0.58 0.59 0.60 0.61 0.62 0.63 0.64 0.65
Figure 28. Output Voltage vs. Typical EN Pin Voltage, VOUT = 1.3 V
POWER-GOOD (PG) FEATURE
The ADP1762 provides a power-good pin (PG) to indicate the
status of the output. This open-drain output requires an external
pull-up resistor that can be connected to VIN or VOUT. If the
device is in shutdown mode, current-limit mode, or thermal
shutdown, or if it falls below 90% of the nominal output
voltage, PG immediately transitions low. During soft start, the
rising threshold of the power-good signal is 95% of the nominal
output voltage.
The open-drain output is held low when the ADP1762 has a
sufficient input voltage to turn on the internal PG transistor. An
optional soft start delay can be detected. The PG transistor is
terminated via a pull-up resistor to VOUT or VIN.
Power-good accuracy is 92.5% of the nominal regulator output
voltage when this voltage is rising, with a 95% trip point when
this voltage is falling.
Regulator input voltage brownouts or glitches trigger a power
no good if VOUT falls below 92.5%.
A normal power-down triggers a power good when VOUT is at 95%.
CH1 1.00V
CH2 1.00V
M100µs
A CH4
420mV
1
2
4
T 228.0000µs
CH4 1.00V
VIN
VOUT
PG
Figure 29. Typical PG Behavior vs. VOUT, VIN Rising (VOUT = 1.3 V)
1
2
4
CH1 1.00V
CH2 1.00V
M200µs
A CH1
3.00V
T 0.000000s
CH4 1.00V
VIN
VOUT
PG
Figure 30. Typical PG Behavior vs. VOUT, VIN Falling (VOUT = 1.3 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com