Electronic Components Datasheet Search
  English  ▼

X  

ADP1763 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1763
Description  2 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 11Page - Analog Devices ADP1763 Datasheet HTML 12Page - Analog Devices ADP1763 Datasheet HTML 13Page - Analog Devices ADP1763 Datasheet HTML 14Page - Analog Devices ADP1763 Datasheet HTML 15Page - Analog Devices ADP1763 Datasheet HTML 16Page - Analog Devices ADP1763 Datasheet HTML 17Page - Analog Devices ADP1763 Datasheet HTML 18Page - Analog Devices ADP1763 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
ADP1762
Data Sheet
Rev. D | Page 16 of 19
In cases where the board temperature is known, the thermal
characterization parameter (ΨJB) can be used to estimate the
junction temperature rise. The maximum junction temperature
(TJ) is calculated from the board temperature (TB) and power
dissipation (PD) using the following formula:
TJ = TB + (PD × ΨJB)
(7)
Figure 40 through Figure 43 show the junction temperature
calculations for the different board temperatures, load currents,
VIN to VOUT differentials, and areas of PCB copper.
0
20
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VIN – VOUT (V)
2A
1A
10mA
100mA
500mA
TJ MAX
Figure 40. 500 mm2 of PCB Copper, TB = 25°C
VIN – VOUT (V)
0
20
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2A
1A
10mA
100mA
500mA
TJ MAX
Figure 41. 500 mm2 of PCB Copper, TB = 50°C
VIN – VOUT (V)
0
20
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2A
1A
10mA
100mA
500mA
TJ MAX
Figure 42. 1000 mm2 of PCB Copper, TB = 25°C
VIN – VOUT (V)
0
20
40
60
80
100
120
140
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2A
1A
10mA
100mA
500mA
Figure 43. 1000 mm2 of PCB Copper, TB = 50°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com