Electronic Components Datasheet Search
  English  ▼

X  

TC9243APG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC9243APG
Description  Infrared Remote-Control Signal Transmission LSI
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9243APG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC9243APG Datasheet HTML 1Page - Toshiba Semiconductor TC9243APG Datasheet HTML 2Page - Toshiba Semiconductor TC9243APG Datasheet HTML 3Page - Toshiba Semiconductor TC9243APG Datasheet HTML 4Page - Toshiba Semiconductor TC9243APG Datasheet HTML 5Page - Toshiba Semiconductor TC9243APG Datasheet HTML 6Page - Toshiba Semiconductor TC9243APG Datasheet HTML 7Page - Toshiba Semiconductor TC9243APG Datasheet HTML 8Page - Toshiba Semiconductor TC9243APG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC9243APG/AFG
2005-02-25
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC9243APG, TC9243AFG
Infrared Remote-Control Signal Transmission LSI
The TC9243APG and TC9243AFG are infrared remote-control
signal transmission LSIs suitable for remote control of audio systems,
TVs, VTRs, CD players, etc.
Features
• Wide range of operating supply voltages, enabling low-voltage
operation:
VDD = 2.0 to 4.0 V
• Thirty-two (32) basic functions are available.
Support of multiple keying enables up to 112 instructions (28 × 4)
to be output.
• Interference with other equipment can be prevented because
seven (7) bits out of eight (8) bits of system code are presettable.
• Equipped with transmission display output pin.
• Low current dissipation: IQD ≤ 1 µA (during standby)
• Two types of package, DIP and flat type, are available:
DIP20: TC9243APG
SOP20: TC9243AFG
Pin Assignment
TC9243APG
TC9243AFG
Weight
DIP20-P-300-2.54A: 1.4 g (typ.)
SOP20-P-300-1.27: 0.48 g (typ.)


Similar Part No. - TC9243APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9243 TOSHIBA-TC9243 Datasheet
344Kb / 9P
INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
TC9243F TOSHIBA-TC9243F Datasheet
344Kb / 9P
INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
More results

Similar Description - TC9243APG

ManufacturerPart #DatasheetDescription
logo
NEC
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Nippon Precision Circui...
SM8505 NPC-SM8505 Datasheet
589Kb / 9P
Infrared Remote Control LSI
logo
Toshiba Semiconductor
TC9028AP TOSHIBA-TC9028AP Datasheet
835Kb / 20P
INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING
TC9028P TOSHIBA-TC9028P Datasheet
828Kb / 20P
INFRARED REMOTE CONTROL TRANSMITTING CMOS LSI WITH MICROCONTROLLING
TC9243P TOSHIBA-TC9243P Datasheet
344Kb / 9P
INFRARED REMOTE CONTROL SIGNAL TRANSMISSION LSI
TC9259N TOSHIBA-TC9259N Datasheet
339Kb / 8P
INFRARED REMOTE CONTROL RECEIVING LSI
TC9285P TOSHIBA-TC9285P Datasheet
328Kb / 8P
INFRARED REMOTE CONTROL RECEIVING LSI
logo
Sanyo Semicon Device
LC8910 SANYO-LC8910 Datasheet
102Kb / 4P
Remote Control LSI
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
Infrared Remote Control
8????8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com