Electronic Components Datasheet Search
  English  ▼

X  

TC9243APG Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC9243APG
Description  Infrared Remote-Control Signal Transmission LSI
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9243APG Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC9243APG Datasheet HTML 1Page - Toshiba Semiconductor TC9243APG Datasheet HTML 2Page - Toshiba Semiconductor TC9243APG Datasheet HTML 3Page - Toshiba Semiconductor TC9243APG Datasheet HTML 4Page - Toshiba Semiconductor TC9243APG Datasheet HTML 5Page - Toshiba Semiconductor TC9243APG Datasheet HTML 6Page - Toshiba Semiconductor TC9243APG Datasheet HTML 7Page - Toshiba Semiconductor TC9243APG Datasheet HTML 8Page - Toshiba Semiconductor TC9243APG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC9243APG/AFG
2005-02-25
2
Block Diagram
Pin Function
Pin No.
Symbol
Pin Name
Function and Operation
1
GND
20
VDD
Power Terminal
For applying the supply voltage (VDD = 2.0 to 4.0 V)
2
T
X
3
XT
Oscillator Terminal
Input/output terminals for the ceramic oscillators, with built-in
amplifier circuit and feedback resistor
4
RST
Reset Input
When this pin is set at “L” level, the inside is initialized.
Equipped with a built-in pull-up resistor.
5~12
K0~K7
Key Inputs
Input terminals for the key matrix.
Each pin has a built-in pull-down resistor.
13~16
T0~T3
Key Scan Output
Key matrix scan output terminals.
CMOS output.
17
CODE
Code Scan Output
Scan output terminals for code setting.
P-ch open drain output.
18
TXON
Transmission Display Output
Transmission display LED driving output terminal
19
TXOUT
Transmission Output
Infrared LED driving output terminal



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com