Electronic Components Datasheet Search
  English  ▼

X  

TC9243AFG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC9243AFG
Description  Infrared Remote-Control Signal Transmission LSI
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9243AFG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC9243AFG Datasheet HTML 1Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 2Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 3Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 4Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 5Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 6Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 7Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 8Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC9243APG/AFG
2005-02-25
4
3.
Key Data Code
Key No.
Tn
Kn
D0
D1
D2
D3
D4
D5
D6
D7
K01
K0
1
0
0
0
0
K02
K1
0
1
0
0
0
K03
K2
1
1
0
0
0
K04
K3
0
0
1
0
0
K05
K4
1
0
1
0
0
K06
K5
0
1
1
0
0
K07
K6
1
1
1
0
0
•
Shift-key data
•
“000” except dual keying
K08
T0
K7
•
Normal-key data
•
“00000” except dual keying.
1
0
0
K09
K0
1
0
0
1
0
K10
K1
0
1
0
1
0
K11
K2
1
1
0
1
0
K12
K3
0
0
1
1
0
K13
K4
1
0
1
1
0
K14
K5
0
1
1
1
0
K15
K6
1
1
1
1
0
•
Shift-key data
•
“000” except dual keying
K16
T1
K7
•
Normal-key data
•
“00000” except dual keying.
1
1
0
K17
K0
1
0
0
0
1
K18
K1
0
1
0
0
1
K19
K2
1
1
0
0
1
K20
K3
0
0
1
0
1
K21
K4
1
0
1
0
1
K22
K5
0
1
1
0
1
K23
K6
1
1
1
0
1
•
Shift-key data
•
“000” except dual keying
K24
T2
K7
•
Normal-key data
•
“00000” except dual keying.
1
0
1
K25
K0
1
0
0
1
1
K26
K1
0
1
0
1
1
K27
K2
1
1
0
1
1
K28
K3
0
0
1
1
1
K29
K4
1
0
1
1
1
K30
K5
0
1
1
1
1
K31
K6
1
1
1
1
1
•
Shift-key data
•
“000” except dual keying
K32
T3
K7
•
Normal-key data
•
“00000” except dual keying.
1
1
1
• Normal keys: K01~K07, K09~K15, K17~K23, K25~K31
• Shift keys: K08, K16, K24, K32



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com