Electronic Components Datasheet Search
  English  ▼

X  

TC9243AFG Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC9243AFG
Description  Infrared Remote-Control Signal Transmission LSI
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9243AFG Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC9243AFG Datasheet HTML 2Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 3Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 4Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 5Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 6Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 7Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 8Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 9Page - Toshiba Semiconductor TC9243AFG Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TC9243APG/AFG
2005-02-25
7
Application Circuit
Note 4: Ceramic oscillator CSB455E (Murata Seisakusho)
C1 = C2 = 100 pF
R
= 6.8 kΩ
FCR455K3 (TDK)
C1 = C2 = 220 pF
R
= 2.2 kΩ
or equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com