Electronic Components Datasheet Search
  English  ▼

X  

TC9318AFAG Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TC9318AFAG
Description  Single Chip DTS Microcontroller (DTS-21)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9318AFAG Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TC9318AFAG Datasheet HTML 35Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 36Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 37Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 38Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 39Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 40Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 41Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 42Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
TC9318AFAG/AFBG
2006-07-27
39
(2)
Key data loading by LCD segment output (hardware scan)
Note 34: A key matrix to 4
× 8 = 32 can be created.
Note 35: The same key line cannot contain both push keys and diode jumpers or alternate switches. Place
diode jumpers or alternate switches on the key return signal output side.
When loading key data by LCD segment output, use a key matrix with the above structure. In this
structure, it’s necessary for a diode to prevent reverse current flow and be careful the direction of
diode and diode jumper.
The VLCD and GND potential are outputted from a segment pin at the timing of changing LCD
output.
When loading key data, loading of segment signal becomes to the GND potential and key input pin
is pulled up to the VDD potential at changing LCD output.
At this timing, if key is not pressed (or without diode jumper), key input pin is inputted VDD
potential; if key is pressed (or with diode jumper), key input pin is inputted one diode potential ( ∼− 0.6
V) from GND potential.
Therefore, key input threshold level is set up high.
Inputted key data is load key scan data port corresponding to segment output line of loading the
key. If a key is pressed, the key data is “1”; if not pressed, “0”.
The key data loading time for each one line is 2 ms. Referring the key scan action monitor, key scan
data (φK26) is loaded to the data memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com