Electronic Components Datasheet Search
  English  ▼

X  

TC9318AFAG Datasheet(PDF) 45 Page - Toshiba Semiconductor

Part # TC9318AFAG
Description  Single Chip DTS Microcontroller (DTS-21)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9318AFAG Datasheet(HTML) 45 Page - Toshiba Semiconductor

Back Button TC9318AFAG Datasheet HTML 41Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 42Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 43Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 44Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 45Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 46Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 47Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 48Page - Toshiba Semiconductor TC9318AFAG Datasheet HTML 49Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
TC9318AFAG/AFBG
2006-07-27
45
Register Port
The G-register (mentioned in the CPU description) and the data register are treated as internal ports.
1.
G-Register (
φL1F)
This register sets the row address (DR = 4H~FH) in data memory for the MVGD and MVGS instructions.
To access this register, execute the OUT1 instruction with the operand [CN = FH].
Note 43: The register value is only used when the MVGD or MVGS instructions are executed.
The register is ignored for other instructions.
Note 44: Setting data 0H~FH in the G register allows all the data memory row addresses to be specified
indirectly. (DR = 0H~FH)
2.
Data Register (
φK1C~φK1F)
This is a 16 bit register to load the program memory data when the DAL instruction is executed. The
contents of the register are read to data memory in units of 4 bits by the IN1 instruction with the operands
[CN = CH~FH].
This register can be used for such purposes as LCD segment decoding, radio band edge data, or for
coefficient data for binary-to-BCD conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com