Electronic Components Datasheet Search
  English  ▼

X  

ATS22A Datasheet(PDF) 2 Page - YAGEO Corporation

Part # ATS22A
Description  Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ATS22A Datasheet(HTML) 2 Page - YAGEO Corporation

  ATS22A Datasheet HTML 1Page - YAGEO Corporation ATS22A Datasheet HTML 2Page - YAGEO Corporation ATS22A Datasheet HTML 3Page - YAGEO Corporation ATS22A Datasheet HTML 4Page - YAGEO Corporation ATS22A Datasheet HTML 5Page - YAGEO Corporation ATS22A Datasheet HTML 6Page - YAGEO Corporation ATS22A Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
7
Product Specification
ATS
Transient Voltage Suppressors
Circuit Protection
www.yageo.com
Jul. 05, 2023 V.3
Transient Voltage Suppressors (TVS) Data Sheet
Features
■ Glass passivated junction
■ Low inductance
■ Excellent clamping capability
■ 6000
W peak pulse power capability at 10/1000μs waveform,
repetition rate (duty cycle): 0.05%
■ Fast response time
■ High Temperature soldering guaranteed: 265℃
/10 seconds/.375″,
(9.5mm) lead length, 5lbs (2.3kg) tension
■ Plastic package has underwriters laboratory flammability 94V-0
■ Meets MSL level 1, per J-STD-020
■ AEC-Q101 qualified
■ IEC61000-4-2 ESD 30KV Air, 30KV contact compliance
Mechanical Data
■ Case: Moulded plastic over glass passivated junction
■ Terminal: Plated Axial leads, solderable per MIL-STD-750, Method 2026
■ Mounting Position: Any
■ Weight: 2.46g
Applications
■ I/O interface
■ Low frequency signal transmission line (RS232, RS485, etc.)
■ AC/DC power supply
■ Meets ISO7637-2 surge spec.
Maximum Ratings and Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Rating
Symbol
Value
Units
Peak pulse power dissipation at 10/1000μs waveform
(Note1, Fig.2)
PPPM
Minimum
6000
Watts
Peak pulse current of at 10/1000μs waveform (Note 1, Fig.3)
IPPM
See Table
Amps
Steady state power dissipation at TL=75℃ (Fig.5)
PM(AV)
8.0
Watts
Peak forward surge current, 8.3ms single half sine-wave
superimposed on rated load, (JEDEC Method) (Note2, Fig.6)
IFSM
300
Amps
Operating junction and Storage Temperature Range.
TJ,TSTG
-55 to +150
℃
Typical thermal resistance junction to lead
RθJL
8
℃/W
Typical thermal resistance junction to ambient
RθJA
40
℃/W
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=25℃ per Fig.2.
2. 8.3ms single half sine-wave, or equivalent square wave, duty cycle=4 pulses per minutes maximum.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com