Electronic Components Datasheet Search
  English  ▼

X  

ATS22A Datasheet(PDF) 4 Page - YAGEO Corporation

Part # ATS22A
Description  Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ATS22A Datasheet(HTML) 4 Page - YAGEO Corporation

  ATS22A Datasheet HTML 1Page - YAGEO Corporation ATS22A Datasheet HTML 2Page - YAGEO Corporation ATS22A Datasheet HTML 3Page - YAGEO Corporation ATS22A Datasheet HTML 4Page - YAGEO Corporation ATS22A Datasheet HTML 5Page - YAGEO Corporation ATS22A Datasheet HTML 6Page - YAGEO Corporation ATS22A Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
7
Product Specification
ATS
Transient Voltage Suppressors
Circuit Protection
www.yageo.com
Jul. 05, 2023 V.3
Ratings and Characteristic Curves (TA=25℃ unless otherwise noted)
Figure 1.
ISO 7637-2 5a Test pulse
Figure 2.
Peak Pulse Power Rating Curve
UA
U
tr
td
t
0.9Us
0
0.1Us
10
100
10000
100
td-Pulse Width (µs)
0.1
10
1
1000
1
1000
Figure 3.
Pulse Waveform
Figure 4. Pulse Derating Curve
0
0
50
t-Time (ms)
1.0
3.0
2.0
4.0
TJ=25℃
Pulse Width(td) is defined as
the point where the peak
current decays to 50% of IPPM
tr=10µs
100
Peak Value IPPM
Half Value IPPM (IPPM/2)
td
10/1000µs Waveform
as defined by R.E.A
150
0
25
50
75
100
125
150
0
20
40
60
80
100
TA-Ambient Temperature (℃)
175
Figure 5. Steady State Power Dissipation Derating
Curve
Figure 6. Maximum Non-Repetitive Forward
Surge Current Uni-Directional Only
25
50
75
100
125
150
1
2
3
4
5
TL-Lead Temperature (℃)
175
0
0
6
7
L= 0.375″(9.5mm)
Lead Lengths
200
8
9
10
100
Number of Cycles at 60Hz
1
0
50
200
300
350
100
150
250



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com