Electronic Components Datasheet Search
  English  ▼

X  

ATS26C Datasheet(PDF) 6 Page - YAGEO Corporation

Part # ATS26C
Description  Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ATS26C Datasheet(HTML) 6 Page - YAGEO Corporation

  ATS26C Datasheet HTML 1Page - YAGEO Corporation ATS26C Datasheet HTML 2Page - YAGEO Corporation ATS26C Datasheet HTML 3Page - YAGEO Corporation ATS26C Datasheet HTML 4Page - YAGEO Corporation ATS26C Datasheet HTML 5Page - YAGEO Corporation ATS26C Datasheet HTML 6Page - YAGEO Corporation ATS26C Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
7
Product Specification
ATS-2CF
Transient Voltage Suppressors
Circuit Protection
www.yageo.com
Jul. 05, 2023 V.3
Ordering Code for Different Package
Box package: Add suffix “/B” at the end of the part number, such as ATSXXXC-2CF/B
Reel package: Add suffix “/TR13” at the end of the part number, such as ATSXXXC-2CF/TR13
Packaging
Tape
L1
A
Z
±5°
L2
E
E
T
B
Symbol
Dimension (mm)
A
10.0±0.5
B
53.0±1.0
Z
1.2Max.
T
6.0±0.4
E
0.8Max.
L1-L2
1.0Max.
Box
L
W
H
L
250.0±5.0
W
75.0±5.0
H
114.0±5.0
Quantity: 300PCS
Reel
D
D1
D0
W1
D
330.0±3.0
D0
16.4±2.0
D1
86.0±2.0
W1
76.0±3.0
Quantity: 800PCS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com