Electronic Components Datasheet Search
  English  ▼

X  

ATS26C Datasheet(PDF) 5 Page - YAGEO Corporation

Part # ATS26C
Description  Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

ATS26C Datasheet(HTML) 5 Page - YAGEO Corporation

  ATS26C Datasheet HTML 1Page - YAGEO Corporation ATS26C Datasheet HTML 2Page - YAGEO Corporation ATS26C Datasheet HTML 3Page - YAGEO Corporation ATS26C Datasheet HTML 4Page - YAGEO Corporation ATS26C Datasheet HTML 5Page - YAGEO Corporation ATS26C Datasheet HTML 6Page - YAGEO Corporation ATS26C Datasheet HTML 7Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
7
Product Specification
ATS-2CF
Transient Voltage Suppressors
Circuit Protection
www.yageo.com
Jul. 05, 2023 V.3
Recommended Soldering Conditions
Wave Soldering
Time (minutes)
Preheating
Maximum Wave 265℃
Cooling
Soldering
3.5
4
2.5
3
1.5
2
0.5
1
0
300
250
200
150
100
50
0
Recommended Conditions
Item
Conditions
Peak Temperature
265℃
Dipping Time
10 seconds
Soldering
1 time
Marking Code
Logo
Marking Code
Intermal Control Code
YXXX
ATS36C
Part Number Code
ATS
XXX C
Bidirectional
Series Code
VRWM Voltage
XXXX
Package code
B: Box package
TR13: Reel package
2CF /
Internal Control Code



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com