Electronic Components Datasheet Search
  English  ▼

X  

0803267 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 0803267
Description  EML-EX (70X50)R CUS - Label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803267 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  0803267 Datasheet HTML 1Page - PHOENIX CONTACT 0803267 Datasheet HTML 2Page - PHOENIX CONTACT 0803267 Datasheet HTML 3Page - PHOENIX CONTACT 0803267 Datasheet HTML 4Page - PHOENIX CONTACT 0803267 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
> -40 °C ... 150 °C
Ambient temperature (assembly)
> 5 °C
Recommended storage conditions
23 °C / 50% relative humidity. Storage in the original packaging
is recommended prior to processing.
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Shelf life
2 - 3 years
Dimensions
Width
70 mm
Length
50 mm
Text field
Text field width
70 mm
Text field height
50 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
EML-EX (70X50)R CUS - Label
0803267
https://www.phoenixcontact.com/us/products/0803267
Jun 5, 2025, 5:17AM
Page 3 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com