Electronic Components Datasheet Search
  English  ▼

X  

0803267 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803267
Description  EML-EX (70X50)R CUS - Label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803267 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803267 Datasheet HTML 1Page - PHOENIX CONTACT 0803267 Datasheet HTML 2Page - PHOENIX CONTACT 0803267 Datasheet HTML 3Page - PHOENIX CONTACT 0803267 Datasheet HTML 4Page - PHOENIX CONTACT 0803267 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, white, labeled, mounting type: adhesive, text field height: 50 mm, text field width: 70 mm
Your advantages
The EML...-EX self-adhesive device markers have been specifically developed for marking various types of equipment in the Ex area
•
The marking requirements in terms of legibility, adhesion, and wipe resistance in potentially explosive areas (ATEX), according to IEC/EN 60079-
0, can also be ensured following storage in typical gas atmospheres. Phoenix Contact developed these labels especially for process engineering,
which is where these requirements typically arise
•
These labels meet the requirements for wipe resistance in accordance with DIN EN 61010-1 against aggressive media such as acetone, ethanol,
and MEK
•
They are only suitable in conjunction with the TM- RIBBON110-EX
•
Thanks to the special surface and adhesive, the marker meets the demanding requirements of process engineering
•
A wide range of marker sizes and colors are available for custom designs
•
When high-quality ink ribbons are used, the marking is resistant to solvents and suitable for use even under harsh industrial conditions.
•
Precise printing quality and good adhesive properties
•
Special packaging protects opened rolls from dust in industrial environments
•
Commercial data
Item number
0803267
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG8151
Catalog page
Page 277 (NTK-2014)
GTIN
4046356939331
Weight per piece (including packing)
1.99 g
Weight per piece (excluding packing)
1.99 g
Country of origin
PL
EML-EX (70X50)R CUS - Label
0803267
https://www.phoenixcontact.com/us/products/0803267
Jun 5, 2025, 5:17AM
Page 1 (5)


Similar Part No. - 0803267

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803261 PHOENIX-0803261 Datasheet
184Kb / 5P
EML-EX (10X4)R CUS - Label
0803262 PHOENIX-0803262 Datasheet
183Kb / 5P
EML-EX (15X9)R CUS - Label
0803263 PHOENIX-0803263 Datasheet
183Kb / 5P
EML-EX (20X8)R CUS - Label
0803264 PHOENIX-0803264 Datasheet
183Kb / 5P
0803264
0803266 PHOENIX-0803266 Datasheet
183Kb / 5P
EML-EX (40X25)R CUS - Label
More results

Similar Description - 0803267

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803137 PHOENIX-0803137 Datasheet
51Kb / 3P
Label - EML (105X23)R
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0830485 PHOENIX-0830485 Datasheet
54Kb / 4P
Label - EML (75X10)R
0801841 PHOENIX-0801841 Datasheet
47Kb / 3P
Label - EML (25,4X12,7)R TR
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0815693 PHOENIX-0815693 Datasheet
47Kb / 3P
Label - EML (26,5X17,5)R GN
0830481 PHOENIX-0830481 Datasheet
49Kb / 3P
Label - EML (40X6)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
0830730 PHOENIX-0830730 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X50)R
0830734 PHOENIX-0830734 Datasheet
50Kb / 3P
Label for rough plastic surfaces - EML-HA (70X50)R SR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com