Electronic Components Datasheet Search
  English  ▼

X  

ADS900 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS900
Description  10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS900 Datasheet(HTML) 2 Page - Texas Instruments

  ADS900 Datasheet HTML 1Page - Texas Instruments ADS900 Datasheet HTML 2Page - Texas Instruments ADS900 Datasheet HTML 3Page - Texas Instruments ADS900 Datasheet HTML 4Page - Texas Instruments ADS900 Datasheet HTML 5Page - Texas Instruments ADS900 Datasheet HTML 6Page - Texas Instruments ADS900 Datasheet HTML 7Page - Texas Instruments ADS900 Datasheet HTML 8Page - Texas Instruments ADS900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ADS900
2
SBAS058A
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = LVDD = +3V, Single-Ended Input, Sampling Rate = 20MHz, unless otherwise specified.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
+VS ....................................................................................................... +6V
Analog Input ............................................................................... +VS +0.3V
Logic Input ................................................................................. +VS +0.3V
Case Temperature ......................................................................... +100
°C
Junction Temperature .................................................................... +150
°C
Storage Temperature ..................................................................... +150
°C
ABSOLUTE MAXIMUM RATINGS
ADS900E
PARAMETER
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
Resolution
10
Bits
Specified Temperature Range
Ambient Air
–40
+85
°C
ANALOG INPUT
Single-Ended Full Scale Input Range
(1Vp-p)
+1.0
+2.0
V
Differential Full Scale Input Range
(0.5Vp-pX 2)
+1.25
+1.75
V
Common-Mode Voltage
1.5
V
Analog Input Bias Current
1
µA
Input Impedance
1.25 || 5
M
Ω || pF
DIGITAL INPUTS
Logic Family
TTL/HCT COMPATIBLE CMOS
High Input Voltage, VIH
2.0
VDD
V
Low Input Voltage, VIL
0.8
V
High Input Current, IIH
±10
µA
Low Input Current, IIL
±10
µA
Input Capacitance
5pF
CONVERSION CHARACTERISTICS
Start Conversion
RISING EDGE OF CONVERT CLOCK
Sample Rate
Full
10k
20M
Samples/s
Data Latency
5
Clk Cyc
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
ADS900E
SSOP-28
324
–40
°C to +85°C
ADS900E
ADS900E
Rails
""
"
"
ADS900E
ADS900E/1K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces
of “ADS900E/1K” will get a single 1000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com