Electronic Components Datasheet Search
  English  ▼

X  

ADS900 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS900
Description  10-Bit, 20MHz, 3V Supply ANALOG-TO-DIGITAL CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS900 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS900 Datasheet HTML 7Page - Texas Instruments ADS900 Datasheet HTML 8Page - Texas Instruments ADS900 Datasheet HTML 9Page - Texas Instruments ADS900 Datasheet HTML 10Page - Texas Instruments ADS900 Datasheet HTML 11Page - Texas Instruments ADS900 Datasheet HTML 12Page - Texas Instruments ADS900 Datasheet HTML 13Page - Texas Instruments ADS900 Datasheet HTML 14Page - Texas Instruments ADS900 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ADS900
12
SBAS058A
+V
S
1
13
14
GND
ADS900
0.1µF
+V
S
18
19
20
GND
0.1µF
+V
S
28
0.1µF
POWER-DOWN MODE
The ADS900’s low power consumption can be reduced even
further by initiating a power down mode. For this, the Power
Down Pin (Pin 17) must be tied to a logic “High” reducing
the current drawn from the supply by about 70%. In normal
operation the power-down mode is disabled by an internal
pull-down resistor (50k
Ω).
During power-down the digital outputs are set in 3-state.
With the clock applied, the converter does not accurately
process the sampled signal. After removing the power-down
condition the output data from the following 5 clock cycles
is invalid (data latency).
DECOUPLING AND GROUNDING
CONSIDERATIONS
The ADS900 has several supply pins, one of which is
dedicated to only supply the output driver (LVDD). The
remaining supply pins are not divided into analog and digital
supply pins since they are internally connected on the chip.
For this reason it is recommended to treat the converter as an
analog component and to power it from the analog supply
only. Digital supply lines often carry high levels of noise
which can couple back into the converter and limit the
performance.
Because of its fast switching architecture, the converter also
generates high frequency transients and noise that are fed
back into the supply and reference lines. This requires that
the supply and reference pins be sufficiently bypassed.
Figure 9 shows the recommended decoupling scheme for the
analog supplies. In most cases 0.1
µF ceramic chip capacitors
are adequate to keep the impedance low over a wide fre-
quency range. Their effectiveness largely depends on the
proximity to the individual supply pin. Therefore they should
be located as close to the supply pins are possible.
FIGURE 8. Independent Supply Connection for Output
Stage.
+V
S
+LV
DD
ADS900
Digital
Output
Stage
FIGURE 9. Recommended Bypassing for Analog Supply
Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com