Electronic Components Datasheet Search
  English  ▼

X  

BQ2012 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ2012
Description  Gas Gauge IC With Slow-Charge Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2012 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ2012 Datasheet HTML 2Page - Texas Instruments BQ2012 Datasheet HTML 3Page - Texas Instruments BQ2012 Datasheet HTML 4Page - Texas Instruments BQ2012 Datasheet HTML 5Page - Texas Instruments BQ2012 Datasheet HTML 6Page - Texas Instruments BQ2012 Datasheet HTML 7Page - Texas Instruments BQ2012 Datasheet HTML 8Page - Texas Instruments BQ2012 Datasheet HTML 9Page - Texas Instruments BQ2012 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Example: Selecting a PFC Value
Given:
Sense resistor = 0.1
Ω
Number of cells = 6
Capacity = 2200mAh, NiCd battery
Current range = 50mA to 2A
Absolute display mode
Serial port only
Self-discharge = C
64
Voltage drop over sense resistor = 5mV to 200mV
Therefore:
2200mAh * 0.1Ω = 220mVh
Select:
PFC = 33792 counts or 211mVh
PROG1 = float
PROG2 = float
PROG3 = float
PROG4 = low
PROG5 = float
PROG6 = float
The initial full battery capacity is 211mVh
(2110mAh) until the bq2012 “learns” a new capac-
ity with a qualified discharge from full to EDV1.
6
bq2012
PROGx
Programmed
Full
Count
(PFC)
PROG4 = L
PROG4 = Z
Units
1
2
PROG3 = H
PROG3 = Z
PROG3 = L PROG3 = H PROG3 = Z
PROG3 = L
--
-
Scale =
1/80
Scale =
1/160
Scale =
1/320
Scale =
1/640
Scale =
1/1280
Scale =
1/2560
mVh/
count
H
H
49152
614
307
154
76.8
38.4
19.2
mVh
H
Z
45056
563
282
141
70.4
35.2
17.6
mVh
H
L
40960
512
256
128
64.0
32.0
16.0
mVh
Z
H
36864
461
230
115
57.6
28.8
14.4
mVh
Z
Z
33792
422
211
106
53.0
26.4
13.2
mVh
Z
L
30720
384
192
96.0
48.0
24.0
12.0
mVh
L
H
27648
346
173
86.4
43.2
21.6
10.8
mVh
L
Z
25600
320
160
80.0
40.0
20.0
10.0
mVh
L
L
22528
282
141
70.4
35.2
17.6
8.8
mVh
VSR is equivalent to 2
counts/sec. (nom.)
90
45
22.5
11.25
5.56
2.8
mV
Table 2. bq2012 Programmed Full Count mVh Selections
Pin
Connection
PROG5
Self-Discharge Rate
PROG6
Display Mode
DISP
Display State
H
Self-discharge disabled
NAC = PFC on reset
LED disabled
Z
NAC
64
Absolute
LED enabled on discharge when
VSRO < -4mV or during a valid charge
L
NAC
47
Relative
LED on
Note:
PROG5 and PROG6 states are independent.
Table 1. bq2012 Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com