Electronic Components Datasheet Search
  English  ▼

X  

BQ2012 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ2012
Description  Gas Gauge IC With Slow-Charge Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ2012 Datasheet(HTML) 1 Page - Texas Instruments

  BQ2012 Datasheet HTML 1Page - Texas Instruments BQ2012 Datasheet HTML 2Page - Texas Instruments BQ2012 Datasheet HTML 3Page - Texas Instruments BQ2012 Datasheet HTML 4Page - Texas Instruments BQ2012 Datasheet HTML 5Page - Texas Instruments BQ2012 Datasheet HTML 6Page - Texas Instruments BQ2012 Datasheet HTML 7Page - Texas Instruments BQ2012 Datasheet HTML 8Page - Texas Instruments BQ2012 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
Features
➤ Conservative and repeatable
measurement of available charge
in rechargeable batteries
➤ Charge control output
➤ Designed for battery pack inte-
gration
- 120µA typical standby current
(self-discharge estimation mode)
- Small size enables imple-
mentations in as little as 1
2
square inch of PCB
➤ Integrate within a system or as a
stand-alone device
- Display capacity via single-
wire serial communication
port or direct drive of LEDs
➤ Measurements compensated for
current and temperature
➤ Self-discharge compensation us-
ing internal temperature sensor
➤ 16-pin narrow SOIC
General Description
The bq2012 Gas Gauge IC is in-
tended for battery-pack or in-system
installation to maintain an accurate
record of available battery charge.
The IC monitors a voltage drop
across a sense resistor connected in
series between the negative battery
terminal and ground to determine
charge and discharge activity of the
battery.
Self-discharge of NiMH and NiCd
batteries is estimated based on an
internal timer and temperature sen-
sor. Compensations for battery tem-
perature and rate of charge or dis-
charge are applied to the charge,
discharge, and self-discharge calcu-
lations to provide available charge
information across a wide range of
operating conditions. Battery capac-
ity is automatically recalibrated, or
“learned,” in the course of a dis-
charge cycle from full to empty.
The bq2012 includes a charge con-
trol output that, when used with
other full-charge safety termination
methods, can provide a cost-effective
means of controlling charge based
on the battery's charge state.
Nominal available charge may be di-
rectly indicated using a five- or six-
segment LED display.
These seg-
ments are used to graphically indi-
cate nominal available charge.
The bq2012 supports a simple
single-line bidirectional serial link to
an external processor (common
ground). The bq2012 outputs battery
information in response to external
commands over the serial link.
Internal registers include available
charge, temperature, capacity, battery
ID, battery status, and programming
pin settings. To support subassembly
testing, the outputs may also be con-
trolled. The external processor may
also overwrite some of the bq2012 gas
gauge data registers.
The bq2012 may operate directly
from three or four cells.
With the
REF output and an external transis-
tor, a simple, inexpensive regulator
can be built to provide VCC across a
greater number of cells.
LCOM
LED common output
SEG1/PROG1 LED segment 1/
program 1 input
SEG2/PROG2 LED segment 2/
program 2 input
SEG3/PROG3 LED segment 3/
program 3 input
SEG4/PROG4 LED segment 4/
program 4 input
SEG5/PROG5 LED segment 5/
program 5 input
SEG6/PROG6 LED segment 6/
program 6 input
1
PN201201.eps
16-Pin Narrow SOIC
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LCOM
SEG1/PROG1
SEG2/PROG2
SEG3/PROG3
SEG4/PROG4
SEG5/PROG5
SEG6/PROG6
VSS
VCC
REF
CHG
DQ
EMPTY
SB
DISP
SR
REF
Voltage reference output
CHG
Charge control output
DQ
Serial communications
input/output
EMPTY
Empty battery indicator
output
SB
Battery sense input
DISP
Display control input
SR
Sense resistor input
VCC
3.0–6.5V
VSS
System ground
Pin Connections
Pin Names
bq2012
Gas Gauge IC With
Slow-Charge Control
9/96 B


Similar Part No. - BQ2012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2012 TI-BQ2012 Datasheet
188Kb / 20P
Gas Gauge IC With Slow-Charge Control
BQ2012 TI1-BQ2012 Datasheet
1Mb / 26P
Gas Gauge IC With Slow-Charge Control
BQ2012SN TI-BQ2012SN Datasheet
188Kb / 20P
Gas Gauge IC With Slow-Charge Control
BQ2012SN TI1-BQ2012SN Datasheet
1Mb / 26P
Gas Gauge IC With Slow-Charge Control
BQ2012SN-D107 TI1-BQ2012SN-D107 Datasheet
1Mb / 26P
Gas Gauge IC With Slow-Charge Control
More results

Similar Description - BQ2012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
Gas Gauge IC
BQ2012 TI-BQ2012 Datasheet
188Kb / 20P
Gas Gauge IC With Slow-Charge Control
BQ2014 TI-BQ2014 Datasheet
236Kb / 22P
Gas Gauge IC with External Charge Control
BQ2112 TI-BQ2112 Datasheet
749Kb / 7P
NiCd or NiMH Gas Gauge Module with Slow-Charge Control
BQ2114 TI-BQ2114 Datasheet
659Kb / 7P
NiCd or NiMH Gas Gauge Module with Charge-Control Output
BQ2164 TI-BQ2164 Datasheet
143Kb / 7P
NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
Gas Gauge IC
BQ2012 TI1-BQ2012_15 Datasheet
1Mb / 26P
Gas Gauge IC With Slow-Charge Control
BQ2014 TI1-BQ2014_15 Datasheet
1Mb / 27P
Gas Gauge IC with External Charge Control
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
Gas Gauge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com