Electronic Components Datasheet Search
  English  ▼

X  

CDC319DBR Datasheet(PDF) 4 Page - Texas Instruments

Part # CDC319DBR
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC319DBR Datasheet(HTML) 4 Page - Texas Instruments

  CDC319DBR Datasheet HTML 1Page - Texas Instruments CDC319DBR Datasheet HTML 2Page - Texas Instruments CDC319DBR Datasheet HTML 3Page - Texas Instruments CDC319DBR Datasheet HTML 4Page - Texas Instruments CDC319DBR Datasheet HTML 5Page - Texas Instruments CDC319DBR Datasheet HTML 6Page - Texas Instruments CDC319DBR Datasheet HTML 7Page - Texas Instruments CDC319DBR Datasheet HTML 8Page - Texas Instruments CDC319DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CDC319
1-LINE TO 10-LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS590A – DECEMBER 1997 – REVISED OCTOBER 2001
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VCC
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (SCLOCK, SDATA) (see Note 1)
–0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (SDATA) (see Note 1)
–0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high-impedance or power-off state, VO
–0.5 V to VCC + 0.5 V
. . .
Current into any output in the low state (except SDATA), IO
48 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into SDATA in the low state, IO
12 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0) (SCLOCK)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0) (SDATA)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2)
120
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with EIA/JEDEC Std JESD51, except for through-hole packages,
which use a trace length of zero.
recommended operating conditions (see Note 3)
MIN
TYP
MAX
UNIT
VCC
3.3-V core supply voltage
3.135
3.465
V
A, OE
2
VCC+0.3
V
VIH
High-level input voltage
SDATA, SCLOCK
(see Note 3)
2.2
5.5
V
A, OE
–0.3
0.8
V
VIL
Low-level input voltage
SDATA, SCLOCK
(see Note 3)
0
1.04
V
IOH
High-level output current
Y outputs
– 24
mA
IOL
Low-level output current
Y outputs
24
mA
RI
Input resistance to VCC
SDATA, SCLOCK
(see Note 3)
140
k
Ω
f(SCL)
SCLOCK frequency
100
kHz
t(BUS)
Bus free time
4.7
µs
tsu(START)
START setup time
4.7
µs
th(START)
START hold time
4
µs
tw(SCLL)
SCLOCK low pulse duration
4.7
µs
tw(SCLH)
SCLOCK high pulse duration
4
µs
tr(SDATA)
SDATA input rise time
1000
ns
tf(SDATA)
SDATA input fall time
300
ns
tsu(SDATA)
SDATA setup time
250
ns
th(SDATA)
SDATA hold time
0
ns
tsu(STOP)
STOP setup time
4
µs
TA
Operating free-air temperature
0
70
°C
NOTE 3: The CMOS-level inputs fall within these limits: VIH min = 0.7 × VCC and VIL max = 0.3 × VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com