Electronic Components Datasheet Search
  English  ▼

X  

CDC319DBR Datasheet(PDF) 6 Page - Texas Instruments

Part # CDC319DBR
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC319DBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDC319DBR Datasheet HTML 2Page - Texas Instruments CDC319DBR Datasheet HTML 3Page - Texas Instruments CDC319DBR Datasheet HTML 4Page - Texas Instruments CDC319DBR Datasheet HTML 5Page - Texas Instruments CDC319DBR Datasheet HTML 6Page - Texas Instruments CDC319DBR Datasheet HTML 7Page - Texas Instruments CDC319DBR Datasheet HTML 8Page - Texas Instruments CDC319DBR Datasheet HTML 9Page - Texas Instruments CDC319DBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
CDC319
1-LINE TO 10-LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS590A – DECEMBER 1997 – REVISED OCTOBER 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions
PARAMETER
FROM
TO
TEST CONDITIONS
MIN
MAX
UNIT
A
Y
1.2
3.6
ns
tPLH
Low-to-high level propagation delay time
SCLOCK
↓
SDATA
valid
VCC = 3.3 V ±0.185 V,
See Figure 3
2
µs
tPLH
Low-to-high level propagation delay time
SDATA
↑
Y
VCC = 3.3 V ±0.185 V,
See Figure 3
150
ns
A
Y
1.2
3.6
ns
tPHL
High-to-low level propagation delay time
SCLOCK
↓
SDATA
valid
VCC = 3.3 V ±0.185 V,
See Figure 3
2
µs
tPHL
High-to-low level propagation delay time
SDATA
↑
Y
VCC = 3.3 V ±0.185 V,
See Figure 3
150
ns
tPZH
Enable time to the high level
tPZL
Enable time to the low level
OE
Y
1
47
ns
tPHZ
Disable time from the high level
OE
Y
1
4.7
ns
tPLZ
Disable time from the low level
tsk(o)
Skew time
A
Y
250
ps
tsk(p)
Skew time
A
Y
500
ps
tsk(pr)
Skew time
A
Y
1
ns
tr
Rise time
Y
0.5
1.3
ns
t
Rise time (see Note 4 and
SDATA
CL = 10 pF
6
ns
tr
(
Figure 3)
SDATA
CL = 400 pF
250
ns
tf
Fall time
Y
0.5
1.3
ns
tf
Fall time (see Note 4 and
SDATA
CL = 10 pF
20
ns
tf
(
Figure 3)
SDATA
CL = 400 pF
250
ns
CL = 30 pF, TA = 70°C
100
f
Operating frequency (see Note 5)
CL = 20 pF, TA = 70°C
125
MHz
CL = 15 pF, TA = 70°C
140
NOTES:
4. This parameter has a lower limit than BUS specification. This allows use of series resistors for current spike protection.
5. See Figure 4 (Frequency versus Capacitive Load).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com