Electronic Components Datasheet Search
  English  ▼

X  

80SCLQ045 Datasheet(PDF) 2 Page - International Rectifier

Part # 80SCLQ045
Description  SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 80 Amp, 45V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80SCLQ045 Datasheet(HTML) 2 Page - International Rectifier

  80SCLQ045 Datasheet HTML 1Page - International Rectifier 80SCLQ045 Datasheet HTML 2Page - International Rectifier 80SCLQ045 Datasheet HTML 3Page - International Rectifier 80SCLQ045 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
80SCLQ045
2
www.irf.com
Part number
80SCLQ045
VR
Max. DC Reverse Voltage (V) (Per Leg)
VRWM Max. Working Peak Reverse Voltage (V) (Per Leg)
Voltage Ratings
45
Parameters
Limits
Units
Conditions
IF(AV) Max. Average Forward Current
80
A
50% duty cycle @ TC = 84°C, square waveform
See Fig. 5
IFSM
Max. Peak One Cycle Non - Repetitive
250
A
@ tp = 8.3 ms half-sine
Surge Current (Per Leg)
Absolute Maximum Ratings
Parameters
Limits
Units
Conditions
VFM
Max. Forward Voltage Drop
0.62
V
@ 30A
(Per Leg) See Fig. 1

0.67
V
@ 40A
TJ= -55°C
0.70
V
@ 45A
0.85
V
@ 80A
0.57
V
@ 30A
0.63
V
@ 40A
TJ = 25°C
0.66
V
@ 45A
0.88
V
@ 80A
Electrical Specifications
0.87
V
@ 80A
 Pulse Width < 300µs, Duty Cycle < 2%
Parameters
Limits
Units
Conditions
TJ
Max.Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
RthJC Max. Thermal Resistance, Junction
1.25
°C/W
DC operation
See Fig. 4
to Case (Per Leg)
RthJC Max. Thermal Resistance, Junction
0.63
°C/W
DC operation
to Case (Per Package)
wt
Weight (Typical)
2.6
g
Die Size (Typical)
150X180
mils
Thermal-Mechanical Specifications
Case Style
SMD-1
L S
Typical Series Inductance (Per Leg)
5.9
nH
Measured from center of cathode pad to center of
anode pad
CT
Max. Junction Capacitance (Per Leg)
2000
pF
VR = 5VDC ( 1MHz, 25°C )
IRM
Max. Reverse Leakage Current
0.6
mA
TJ = 25°C
(Per Leg) See Fig. 2

80
mA
TJ = 100°C
VR = rated VR
195
mA
TJ = 125°C
0.62
V
@ 40A
TJ = 125°C
0.53
V
@ 30A
0.64
V
@ 45A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com