Electronic Components Datasheet Search
  English  ▼

X  

80SCLQ045 Datasheet(PDF) 1 Page - International Rectifier

Part # 80SCLQ045
Description  SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 80 Amp, 45V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80SCLQ045 Datasheet(HTML) 1 Page - International Rectifier

  80SCLQ045 Datasheet HTML 1Page - International Rectifier 80SCLQ045 Datasheet HTML 2Page - International Rectifier 80SCLQ045 Datasheet HTML 3Page - International Rectifier 80SCLQ045 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
80 Amp, 45V
80SCLQ045
Major Ratings and Characteristics
Description/Features
10/06/00
CASE STYLE
IR Case Style SMD-1
www.irf.com
1
Characteristics
80SCLQ045 Units
IF(AV)
80
A
VRRM (Per Leg)
45
V
IFSM @ tp = 8.3ms half-sine
(Per Leg)
250
A
VF @ 40Apk, TJ =125°C
0.62
V
(Per Leg)
TJ, Tstg Operating and storage -55 to 150
°C
ANODECOMMONANODE
CATHODE
2
13
HIGH EFFICIENCY SERIES
The 80SCLQ045 center tap Schottky rectifier has been
expressly designed to meet the rigorous requirements of hi-
rel environments. It is packaged in the hermetic surface
mount SMD-1 ceramic package. The device's forward
voltage drop and reverse leakage current are optimized
for the lowest power loss and the highest circuit efficiency
for typical high frequency switching power supplies and
resonent power converters. Full
MIL-PRF-19500 quality
conformance
testing
is
available
on source
control
drawings to TX, TXV and S quality levels.
• Hermetically Sealed
• Center Tap
• Low Forward Voltage Drop
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long term
Reliability
• Surface Mount
• Lightweight
PD -93972


Similar Part No. - 80SCLQ045

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SCLQ045 IRF-80SCLQ045 Datasheet
76Kb / 4P
SCHOTTKY RECTIFIER
80SCLQ045 IRF-80SCLQ045_15 Datasheet
76Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - 80SCLQ045

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SBR8040 MICROSEMI-SBR8040 Datasheet
129Kb / 2P
80 Amp Schottky Rectifier
SBR8060 MICROSEMI-SBR8060 Datasheet
124Kb / 2P
80 Amp Schottky Rectifier
logo
International Rectifier
81CNQ IRF-81CNQ Datasheet
125Kb / 6P
SCHOTTKY RECTIFIER 80 Amp
logo
Microsemi Corporation
FST84100 MICROSEMI-FST84100 Datasheet
131Kb / 2P
80 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
82CNQ030 IRF-82CNQ030 Datasheet
127Kb / 6P
SCHOTTKY RECTIFIER 80 Amp
logo
Microsemi Corporation
FST8320 MICROSEMI-FST8320 Datasheet
150Kb / 2P
80 AMP SCHOTTKY RECTIFIER
FST84120 MICROSEMI-FST84120 Datasheet
148Kb / 2P
80 AMP SCHOTTKY RECTIFIER
FST84180 MICROSEMI-FST84180 Datasheet
153Kb / 2P
80 AMP SCHOTTKY RECTIFIER
SBR8210 MICROSEMI-SBR8210_07 Datasheet
137Kb / 2P
80 Amp Schottky Rectifier
logo
Micro Commercial Compon...
MBRD1220CT MCC-MBRD1220CT Datasheet
130Kb / 2P
12 Amp Schottky Rectifier 20V-45V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com