Electronic Components Datasheet Search
  English  ▼

X  

TPS Datasheet(PDF) 5 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 5 Page - AVX Corporation

  TPS Datasheet HTML 1Page - AVX Corporation TPS Datasheet HTML 2Page - AVX Corporation TPS Datasheet HTML 3Page - AVX Corporation TPS Datasheet HTML 4Page - AVX Corporation TPS Datasheet HTML 5Page - AVX Corporation TPS Datasheet HTML 6Page - AVX Corporation TPS Datasheet HTML 7Page - AVX Corporation TPS Datasheet HTML 8Page - AVX Corporation TPS Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
021318
69
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSE337*006#0100
E
330
6.3
85
4
125
20.8
8
100
1.285
1.156
0.514
11)
TPSE337*006#0125
E
330
6.3
85
4
125
20.8
8
125
1.149
1.034
0.460
11)
TPSE337*006#0150
E
330
6.3
85
4
125
20.8
8
150
1.049
0.944
0.420
11)
TPSV337*006#0100
V
330
6.3
85
4
125
20.8
8
100
1.581
1.423
0.632
11)
TPSY337*006#0075
Y
330
6.3
85
4
125
20.8
12
75
1.291
1.162
0.516
11)
TPSY337*006#0100
Y
330
6.3
85
4
125
20.8
12
100
1.118
1.006
0.447
11)
TPSY337*006#0150
Y
330
6.3
85
4
125
20.8
12
150
0.913
0.822
0.365
11)
TPSD477*006#0045
D
470
6.3
85
4
125
28
12
45
1.826
1.643
0.730
1
TPSD477*006#0060
D
470
6.3
85
4
125
28
12
60
1.581
1.423
0.632
1
TPSD477*006#0100
D
470
6.3
85
4
125
28
12
100
1.225
1.102
0.490
1
TPSD477*006#0200
D
470
6.3
85
4
125
28
12
200
0.866
0.779
0.346
1
TPSE477*006#0045
E
470
6.3
85
4
125
28
10
45
1.915
1.723
0.766
11)
TPSE477*006#0050
E
470
6.3
85
4
125
28
10
50
1.817
1.635
0.727
11)
TPSE477*006#0060
E
470
6.3
85
4
125
28
10
60
1.658
1.492
0.663
11)
TPSE477*006#0100
E
470
6.3
85
4
125
28
10
100
1.285
1.156
0.514
11)
TPSE477*006#0200
E
470
6.3
85
4
125
28
10
200
0.908
0.817
0.363
11)
TPSV477*006#0040
V
470
6.3
85
4
125
28
10
40
2.500
2.250
1.000
11)
TPSV477*006#0055
V
470
6.3
85
4
125
28
10
55
2.132
1.919
0.853
11)
TPSV477*006#0100
V
470
6.3
85
4
125
28
10
100
1.581
1.423
0.632
11)
TPSY477*006#0150
Y
470
6,3
85
4
125
28.2
20
150
0.913
0.822
0.365
11)
TPSE687*006#0045
E
680
6.3
85
4
125
42.8
10
45
1.915
1.723
0.766
11)
TPSE687*006#0060
E
680
6.3
85
4
125
42.8
10
60
1.658
1.492
0.663
11)
TPSE687*006#0100
E
680
6.3
85
4
125
42.8
10
100
1.285
1.156
0.514
11)
TPSV687*006#0035
V
680
6.3
85
4
125
42.8
14
35
2.673
2.405
1.069
11)
TPSV687*006#0040
V
680
6.3
85
4
125
42.8
10
40
2.500
2.250
1.000
11)
TPSV687*006#0050
V
680
6.3
85
4
125
42.8
10
50
2.236
2.012
0.894
11)
TPSE108M006#0100
E
1000
6.3
85
4
125
60
20
100
1.285
1.156
0.514
11)
TPSV108M006#0040
V
1000
6.3
85
4
125
60
16
40
2.500
2.250
1.000
11)
TPSV108M006#0050
V
1000
6.3
85
4
125
60
16
50
2.236
2.012
0.894
11)
10 Volt @ 85°C
TPSR105*010#9000
R
1
10
85
7
125
0.5
4
9000
0.078
0.070
0.031
1
TPSA225*010#1800
A
2.2
10
85
7
125
0.5
6
1800
0.204
0.184
0.082
1
TPST335*010#1500
T
3.3
10
85
7
125
0.5
6
1500
0.231
0.208
0.092
1
TPSA475*010#1400
A
4.7
10
85
7
125
0.5
6
1400
0.231
0.208
0.093
1
TPSB475*010#1400
B
4.7
10
85
7
125
0.5
6
1400
0.246
0.222
0.099
1
TPSR475*010#3000
R
4.7
10
85
7
125
0.5
6
3000
0.135
0.122
0.054
1
TPSR475*010#5000
R
4.7
10
85
7
125
0.5
6
5000
0.105
0.094
0.042
1
TPSA685*010#1800
A
6.8
10
85
7
125
0.7
6
1800
0.204
0.184
0.082
1
TPSB685*010#1300
B
6.8
10
85
7
125
0.7
6
1300
0.256
0.230
0.102
1
TPST685*010#1800
T
6.8
10
85
7
125
0.7
6
1800
0.211
0.190
0.084
1
TPSA106*010#0900
A
10
10
85
7
125
1
6
900
0.289
0.260
0.115
1
TPSA106*010#1800
A
10
10
85
7
125
1
6
1800
0.204
0.184
0.082
1
TPSB106*010#1000
B
10
10
85
7
125
1
6
1000
0.292
0.262
0.117
1
TPSP106M010#2000
P
10
10
85
7
125
1
8
2000
0.173
0.156
0.069
1
TPSS106*010#0900
S
10
10
85
7
125
1
8
900
0.269
0.242
0.107
1
TPST106*010#1000
T
10
10
85
7
125
1
6
1000
0.283
0.255
0.113
1
TPST106*010#2000
T
10
10
85
7
125
1
6
2000
0.200
0.180
0.080
1
TPSA156*010#1000
A
15
10
85
7
125
1.5
6
1000
0.274
0.246
0.110
1
TPSB156*010#0450
B
15
10
85
7
125
1.5
6
450
0.435
0.391
0.174
1
TPSB156*010#0600
B
15
10
85
7
125
1.5
6
600
0.376
0.339
0.151
1
TPSC156*010#0700
C
15
10
85
7
125
1.5
6
700
0.396
0.357
0.159
1
TPST156*010#1200
T
15
10
85
7
125
1.5
8
1200
0.258
0.232
0.103
1
TPSA226*010#0900
A
22
10
85
7
125
2.2
8
900
0.289
0.260
0.115
1
TPSB226*010#0400
B
22
10
85
7
125
2.2
6
400
0.461
0.415
0.184
1
TPSB226*010#0500
B
22
10
85
7
125
2.2
6
500
0.412
0.371
0.165
1
TPSB226*010#0700
B
22
10
85
7
125
2.2
6
700
0.348
0.314
0.139
1
TPSC226*010#0300
C
22
10
85
7
125
2.2
6
300
0.606
0.545
0.242
1
TPST226*010#0800
T
22
10
85
7
125
2.2
8
800
0.316
0.285
0.126
1
TPSA336*010#0700
A
33
10
85
7
125
3.3
8
700
0.327
0.295
0.131
1
TPSB336*010#0250
B
33
10
85
7
125
3.3
6
250
0.583
0.525
0.233
1
TPSB336*010#0425
B
33
10
85
7
125
3.3
6
425
0.447
0.402
0.179
1
TPSB336*010#0500
B
33
10
85
7
125
3.3
6
500
0.412
0.371
0.165
1
TPSB336*010#0650
B
33
10
85
7
125
3.3
6
650
0.362
0.325
0.145
1
TPSC336*010#0150
C
33
10
85
7
125
3.3
6
150
0.856
0.771
0.343
1
TPSC336*010#0375
C
33
10
85
7
125
3.3
6
375
0.542
0.487
0.217
1
TPSC336*010#0500
C
33
10
85
7
125
3.3
6
500
0.469
0.422
0.188
1
TPSW336*010#0350
W
33
10
85
7
125
3.3
6
350
0.507
0.456
0.203
1
TPSB476*010#0250
B
47
10
85
7
125
4.7
8
250
0.583
0.525
0.233
1
TPSB476*010#0350
B
47
10
85
7
125
4.7
8
350
0.493
0.444
0.197
1
TPSB476*010#0500
B
47
10
85
7
125
4.7
8
500
0.412
0.371
0.165
1
TPSB476*010#0650
B
47
10
85
7
125
4.7
8
650
0.362
0.325
0.145
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com