Electronic Components Datasheet Search
  English  ▼

X  

TPS Datasheet(PDF) 9 Page - AVX Corporation

Part # TPS
Description  Low ESR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TPS Datasheet(HTML) 9 Page - AVX Corporation

Back Button TPS Datasheet HTML 5Page - AVX Corporation TPS Datasheet HTML 6Page - AVX Corporation TPS Datasheet HTML 7Page - AVX Corporation TPS Datasheet HTML 8Page - AVX Corporation TPS Datasheet HTML 9Page - AVX Corporation TPS Datasheet HTML 10Page - AVX Corporation TPS Datasheet HTML 11Page - AVX Corporation TPS Datasheet HTML 12Page - AVX Corporation TPS Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
021318
73
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (A)
AVX
Case
Capacitance
Voltage
Temperature Voltage
Temperature
Max.
Max.
Max.
MSL
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
(μA)
(%)
@ 100kHz
25ºC
85ºC
125ºC
(mΩ)
TPSD476*020#0075
D
47
20
85
13
125
9.4
6
75
1.414
1.273
0.566
1
TPSD476*020#0100
D
47
20
85
13
125
9.4
6
100
1.225
1.102
0.490
1
TPSD476*020#0200
D
47
20
85
13
125
9.4
6
200
0.866
0.779
0.346
1
TPSE476*020#0070
E
47
20
85
13
125
9.4
6
70
1.535
1.382
0.614
11)
TPSE476*020#0125
E
47
20
85
13
125
9.4
6
125
1.149
1.034
0.460
11)
TPSE476*020#0150
E
47
20
85
13
125
9.4
6
150
1.049
0.944
0.420
11)
TPSE476*020#0200
E
47
20
85
13
125
9.4
6
200
0.908
0.817
0.363
11)
TPSE476*020#0250
E
47
20
85
13
125
9.4
6
250
0.812
0.731
0.325
11)
TPSX476*020#0200
X
47
20
85
13
125
9.4
6
200
0.707
0.636
0.283
11)
TPSD686*020#0070
D
68
20
85
13
125
13.6
6
70
1.464
1.317
0.586
1
TPSD686*020#0150
D
68
20
85
13
125
13.6
6
150
1.000
0.900
0.400
1
TPSD686*020#0200
D
68
20
85
13
125
13.6
6
200
0.866
0.779
0.346
1
TPSD686*020#0300
D
68
20
85
13
125
13.6
6
300
0.707
0.636
0.283
1
TPSE686*020#0125
E
68
20
85
13
125
13.6
6
125
1.149
1.034
0.460
11)
TPSE686*020#0150
E
68
20
85
13
125
13.6
6
150
1.049
0.944
0.420
11)
TPSE686*020#0200
E
68
20
85
13
125
13.6
6
200
0.908
0.817
0.363
11)
TPSY686*020#0200
Y
68
20
85
13
125
13.6
6
200
0.791
0.712
0.316
11)
TPSD107*020#0085
D
100
20
85
13
125
20
6
85
1.328
1.196
0.531
1
TPSD107*020#0100
D
100
20
85
13
125
20
6
100
1.225
1.102
0.490
1
TPSD107*020#0150
D
100
20
85
13
125
20
6
150
1.000
0.900
0.400
1
TPSE107*020#0100
E
100
20
85
13
125
20
6
100
1.285
1.156
0.514
11)
TPSE107*020#0150
E
100
20
85
13
125
20
6
150
1.049
0.944
0.420
11)
TPSE107*020#0200
E
100
20
85
13
125
20
6
200
0.908
0.817
0.363
11)
TPSV107*020#0060
V
100
20
85
13
125
20
8
60
2.041
1.837
0.816
11)
TPSV107*020#0085
V
100
20
85
13
125
20
8
85
1.715
1.543
0.686
11)
TPSV107*020#0100
V
100
20
85
13
125
20
8
100
1.581
1.423
0.632
11)
TPSV107*020#0200
V
100
20
85
13
125
20
8
200
1.118
1.006
0.447
11)
TPSV157*020#0080
V
150
20
85
13
125
30
8
80
1.768
1.591
0.707
11)
25 Volt @ 85°C
TPSA474*025#7000
A
0.47
25
85
17
125
0.5
4
7000
0.104
0.093
0.041
1
TPSA684*025#6000
A
0.68
25
85
17
125
0.5
4
6000
0.112
0.101
0.045
1
TPSA105*025#4000
A
1
25
85
17
125
0.5
4
4000
0.137
0.123
0.055
1
TPSR105*025#2500
R
1
25
85
17
125
0.5
4
2500
0.148
0.133
0.059
1
TPSR105*025#4000
R
1
25
85
17
125
0.5
4
4000
0.117
0.106
0.047
1
TPSA155*025#3000
A
1.5
25
85
17
125
0.5
6
3000
0.158
0.142
0.063
1
TPSB155*025#1800
B
1.5
25
85
17
125
0.5
6
1800
0.217
0.196
0.087
1
TPSA225*025#2500
A
2.2
25
85
17
125
0.6
6
2500
0.173
0.156
0.069
1
TPSB225*025#0900
B
2.2
25
85
17
125
0.6
6
900
0.307
0.277
0.123
1
TPSB225*025#1200
B
2.2
25
85
17
125
0.6
6
1200
0.266
0.240
0.106
1
TPSB225*025#2500
B
2.2
25
85
17
125
0.6
6
2500
0.184
0.166
0.074
1
TPSA335*025#1000
A
3.3
25
85
17
125
0.8
6
1000
0.274
0.246
0.110
1
TPSA335*025#1500
A
3.3
25
85
17
125
0.8
6
1500
0.224
0.201
0.089
1
TPSB335*025#0750
B
3.3
25
85
17
125
0.8
6
750
0.337
0.303
0.135
1
TPSB335*025#1500
B
3.3
25
85
17
125
0.8
6
1500
0.238
0.214
0.095
1
TPSB335*025#2000
B
3.3
25
85
17
125
0.8
6
2000
0.206
0.186
0.082
1
TPSB475*025#0700
B
4.7
25
85
17
125
1.2
6
700
0.348
0.314
0.139
1
TPSB475*025#0900
B
4.7
25
85
17
125
1.2
6
900
0.307
0.277
0.123
1
TPSB475*025#1500
B
4.7
25
85
17
125
1.2
6
1500
0.238
0.214
0.095
1
TPSC475*025#0700
C
4.7
25
85
17
125
1.2
6
700
0.396
0.357
0.159
1
TPSB685*025#0700
B
6.8
25
85
17
125
1.7
6
700
0.348
0.314
0.139
1
TPSC685*025#0500
C
6.8
25
85
17
125
1.7
6
500
0.469
0.422
0.188
1
TPSC685*025#0600
C
6.8
25
85
17
125
1.7
6
600
0.428
0.385
0.171
1
TPSC685*025#0700
C
6.8
25
85
17
125
1.7
6
700
0.396
0.357
0.159
1
TPSB106*025#1800
B
10
25
85
17
125
2.5
6
1800
0.217
0.196
0.087
1
TPSC106*025#0300
C
10
25
85
17
125
2.5
6
300
0.606
0.545
0.242
1
TPSC106*025#0500
C
10
25
85
17
125
2.5
6
500
0.469
0.422
0.188
1
TPSD106*025#0500
D
10
25
85
17
125
2.5
6
500
0.548
0.493
0.219
1
TPSC156*025#0220
C
15
25
85
17
125
3.8
6
220
0.707
0.636
0.283
1
TPSC156*025#0300
C
15
25
85
17
125
3.8
6
300
0.606
0.545
0.242
1
TPSD156*025#0100
D
15
25
85
17
125
3.8
6
100
1.225
1.102
0.490
1
TPSD156*025#0300
D
15
25
85
17
125
3.8
6
300
0.707
0.636
0.283
1
TPSC226*025#0275
C
22
25
85
17
125
5.5
6
275
0.632
0.569
0.253
1
TPSC226*025#0400
C
22
25
85
17
125
5.5
6
400
0.524
0.472
0.210
1
TPSD226*025#0100
D
22
25
85
17
125
5.5
6
100
1.225
1.102
0.490
1
TPSD226*025#0200
D
22
25
85
17
125
5.5
6
200
0.866
0.779
0.346
1
TPSD226*025#0300
D
22
25
85
17
125
5.5
6
300
0.707
0.636
0.283
1
TPSF226*025#0300
F
22
25
85
17
125
5.5
6
300
0.577
0.520
0.231
1
TPSC336*025#0400
C
33
25
85
17
125
8.3
6
400
0.524
0.472
0.210
1
TPSD336*025#0100
D
33
25
85
17
125
8.3
6
100
1.225
1.102
0.490
1
TPSD336*025#0200
D
33
25
85
17
125
8.3
6
200
0.866
0.779
0.346
1
TPSD336*025#0300
D
33
25
85
17
125
8.3
6
300
0.707
0.636
0.283
1
TPSE336*025#0100
E
33
25
85
17
125
8.3
6
100
1.285
1.156
0.514
11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com