Electronic Components Datasheet Search
  English  ▼

X  

LPC2292 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button LPC2292_07 Datasheet HTML 21Page - NXP Semiconductors LPC2292_07 Datasheet HTML 22Page - NXP Semiconductors LPC2292_07 Datasheet HTML 23Page - NXP Semiconductors LPC2292_07 Datasheet HTML 24Page - NXP Semiconductors LPC2292_07 Datasheet HTML 25Page - NXP Semiconductors LPC2292_07 Datasheet HTML 26Page - NXP Semiconductors LPC2292_07 Datasheet HTML 27Page - NXP Semiconductors LPC2292_07 Datasheet HTML 28Page - NXP Semiconductors LPC2292_07 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
LPC2292_2294_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 10 December 2007
25 of 54
NXP Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
• Match register updates are synchronized with pulse outputs to prevent generation of
erroneous pulses. Software must ‘release’ new match values before they can become
effective.
• May be used as a standard timer if the PWM mode is not enabled.
• A 32-bit Timer/Counter with a programmable 32-bit prescaler.
6.19 System control
6.19.1 Crystal oscillator
The oscillator supports crystals in the range of 1 MHz to 30 MHz. The oscillator output
frequency is called fosc and the ARM processor clock frequency is referred to as CCLK for
purposes of rate equations, etc. fosc and CCLK are the same value unless the PLL is
running and connected. Refer to Section 6.19.2 “PLL” for additional information.
6.19.2 PLL
The PLL accepts an input clock frequency in the range of 10 MHz to 25 MHz. The input
frequency is multiplied up into the range of 10 MHz to 60 MHz with a Current Controlled
Oscillator (CCO). The multiplier can be an integer value from 1 to 32 (in practice, the
multiplier value cannot be higher than 6 on this family of microcontrollers due to the upper
frequency limit of the CPU). The CCO operates in the range of 156 MHz to 320 MHz, so
there is an additional divider in the loop to keep the CCO within its frequency range while
the PLL is providing the desired output frequency. The output divider may be set to divide
by 2, 4, 8, or 16 to produce the output clock. Since the minimum output divider value is 2,
it is insured that the PLL output has a 50 % duty cycle.The PLL is turned off and bypassed
following a chip reset and may be enabled by software. The program must configure and
activate the PLL, wait for the PLL to Lock, then connect to the PLL as a clock source. The
PLL settling time is 100
µs.
6.19.3 Reset and wake-up timer
Reset has two sources on the LPC2292/2294: the RESET pin and watchdog reset. The
RESET pin is a Schmitt trigger input pin with an additional glitch filter. Assertion of chip
reset by any source starts the Wake-up Timer (see Wake-up Timer description below),
causing the internal chip reset to remain asserted until the external reset is de-asserted,
the oscillator is running, a fixed number of clocks have passed, and the on-chip flash
controller has completed its initialization.
When the internal reset is removed, the processor begins executing at address 0, which is
the reset vector. At that point, all of the processor and peripheral registers have been
initialized to predetermined values.
The Wake-up Timer ensures that the oscillator and other analog functions required for
chip operation are fully functional before the processor is allowed to execute instructions.
This is important at power-on, all types of reset, and whenever any of the aforementioned
functions are turned off for any reason. Since the oscillator and other functions are turned
off during Power-down mode, any wake-up of the processor from Power-down mode
makes use of the Wake-up Timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com