Electronic Components Datasheet Search
  English  ▼

X  

LPC2292 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC2292
Description  16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2292 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC2292_07 Datasheet HTML 28Page - NXP Semiconductors LPC2292_07 Datasheet HTML 29Page - NXP Semiconductors LPC2292_07 Datasheet HTML 30Page - NXP Semiconductors LPC2292_07 Datasheet HTML 31Page - NXP Semiconductors LPC2292_07 Datasheet HTML 32Page - NXP Semiconductors LPC2292_07 Datasheet HTML 33Page - NXP Semiconductors LPC2292_07 Datasheet HTML 34Page - NXP Semiconductors LPC2292_07 Datasheet HTML 35Page - NXP Semiconductors LPC2292_07 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
LPC2292_2294_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 10 December 2007
32 of 54
NXP Semiconductors
LPC2292/LPC2294
16/32-bit ARM microcontrollers with external memory interface
[7]
Accounts for 100 mV voltage drop in all supply lines.
[8]
Only allowed for a short time period.
[9]
Minimum condition for VI = 4.5 V, maximum condition for VI = 5.5 V.
[10] Applies to P1[25:16].
[11] See the
LPC2119/2129/2194/2292/2294 User Manual.
[12] To VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com