Electronic Components Datasheet Search
  English  ▼

X  

F780 Datasheet(PDF) 56 Page - Altera Corporation

Part # F780
Description  Cyclone III Device Handbook
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

F780 Datasheet(HTML) 56 Page - Altera Corporation

Back Button F780 Datasheet HTML 52Page - Altera Corporation F780 Datasheet HTML 53Page - Altera Corporation F780 Datasheet HTML 54Page - Altera Corporation F780 Datasheet HTML 55Page - Altera Corporation F780 Datasheet HTML 56Page - Altera Corporation F780 Datasheet HTML 57Page - Altera Corporation F780 Datasheet HTML 58Page - Altera Corporation F780 Datasheet HTML 59Page - Altera Corporation F780 Datasheet HTML 60Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 348 page
background image
4–4
Chapter 4: Embedded Multipliers in the Cyclone III Device Family
Architecture
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
Figure 4–2 shows the multiplier block architecture.
Input Registers
You can send each multiplier input signal into an input register or directly into the
multiplier in 9- or 18-bit sections, depending on the operational mode of the
multiplier. Each multiplier input signal can be sent through a register independently
of other input signals. For example, you can send the multiplier Data A signal through
a register and send the Data B signal directly to the multiplier.
The following control signals are available to each input register in the embedded
multiplier:
■
clock
■
clock enable
■
asynchronous clear
All input and output registers in a single embedded multiplier are fed by the same
clock, clock enable, and asynchronous clear signals.
Multiplier Stage
The multiplier stage of an embedded multiplier block supports 9 × 9 or 18 × 18
multipliers as well as other multipliers in between these configurations. Depending
on the data width or operational mode of the multiplier, a single embedded multiplier
can perform one or two multiplications in parallel. For multiplier information, refer to
“Operational Modes” on page 4–5.
Each multiplier operand is a unique signed or unsigned number. Two signals, signa
and signb, control an input of a multiplier and determine if the value is signed or
unsigned. If the signa signal is high, the Data A operand is a signed number. If the
signa
signal is low, the Data A operand is an unsigned number.
Figure 4–2. Multiplier Block Architecture
CLRN
DQ
ENA
Data A
Data B
aclr
clock
ena
signa
signb
CLRN
DQ
ENA
CLRN
DQ
ENA
Data Out
Embedded Multiplier Block
Output
Register
Input
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com