Electronic Components Datasheet Search
  English  ▼

X  

F780 Datasheet(PDF) 80 Page - Altera Corporation

Part # F780
Description  Cyclone III Device Handbook
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

F780 Datasheet(HTML) 80 Page - Altera Corporation

Back Button F780 Datasheet HTML 76Page - Altera Corporation F780 Datasheet HTML 77Page - Altera Corporation F780 Datasheet HTML 78Page - Altera Corporation F780 Datasheet HTML 79Page - Altera Corporation F780 Datasheet HTML 80Page - Altera Corporation F780 Datasheet HTML 81Page - Altera Corporation F780 Datasheet HTML 82Page - Altera Corporation F780 Datasheet HTML 83Page - Altera Corporation F780 Datasheet HTML 84Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 348 page
background image
5–20
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
Hardware Features
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
Manual Override
If you are using the automatic switchover, you must switch input clocks with the
manual override feature with the clkswitch input.
Figure 5–16 shows an example of a waveform illustrating the switchover feature
when controlled by clkswitch. In this case, both clock sources are functional and
inclk0
is selected as the reference clock. A low-to-high transition of the clkswitch
signal starts the switchover sequence. The clkswitch signal must be high for at least
three clock cycles (at least three of the longer clock period if inclk0 and inclk1 have
different frequencies). On the falling edge of inclk0, the reference clock of the counter,
muxout
, is gated off to prevent any clock glitching. On the falling edge of inclk1, the
reference clock multiplexer switches from inclk0 to inclk1 as the PLL reference. On
the falling edge of inclk1, the reference clock multiplexer switches from inclk0 to
inclk1
as the PLL reference, and the activeclock signal changes to indicate which
clock is currently feeding the PLL.
In this mode, the activeclock signal mirrors the clkswitch signal. As both blocks are
still functional during the manual switch, neither clkbad signals go high. Because the
switchover circuit is positive edge-sensitive, the falling edge of the clkswitch signal
does not cause the circuit to switch back from inclk1 to inclk0. When the clkswitch
signal goes high again, the process repeats. The clkswitch signal and the automatic
switch only works depending on the availability of the clock that is switched to. If the
clock is unavailable, the state machine waits until the clock is available.
1 If CLKSWITCH = 1, the automatic switchover function is overridden. While the
clkswitch
signal is high, further switchover action is blocked.
Figure 5–16. Clock Switchover Using the clkswitch Control (1)
Note to Figure 5–16:
(1) Both inclk0 and inclk1 must be running when the clkswitch signal goes high to start a manual clock switchover
event.
inclk0
inclk1
muxout
clkswitch
activeclock
clkbad0
clkbad1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com