Electronic Components Datasheet Search
  English  ▼

X  

T55 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # T55
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button T55 Datasheet HTML 5Page - Vishay Siliconix T55 Datasheet HTML 6Page - Vishay Siliconix T55 Datasheet HTML 7Page - Vishay Siliconix T55 Datasheet HTML 8Page - Vishay Siliconix T55 Datasheet HTML 9Page - Vishay Siliconix T55 Datasheet HTML 10Page - Vishay Siliconix T55 Datasheet HTML 11Page - Vishay Siliconix T55 Datasheet HTML 12Page - Vishay Siliconix T55 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
T55
www.vishay.com
Vishay Polytech
Upgrade for High Reliability With T56
Revision: 16-Aug-2023
9
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
6.3 VDC AT +105 °C, 4.2 VDC AT +125 °C
100
T
T55T107M6R3C0200
63.0
10
200
0.72
1000
105
100
T
T55T107M6R3C0070
63.0
10
70
1.22
2000
105
100
B
T55B107M6R3C0100
63.0
8
100
1.14
2000
105
100
B
T55B107M6R3C0070
63.0
8
70
1.36
2000
105
100
B
T55B107M6R3C0055
63.0
8
55
1.53
2000
105
100
B
T55B107M6R3C0045
63.0
8
45
1.70
2000
105
100
B
T55B107M6R3C0040
63.0
8
40
1.80
2000
105
100
B
T55B107M6R3C0035
63.0
8
35
1.93
2000
105
100
Z
T55Z107M6R3C0045
63.0
10
45
2.03
2000
105
100
V
T55V107M6R3C0045
63.0
10
45
2.03
2000
125
100
D
T55D107M6R3C0015
63.0
10
15
3.87
2000
125
150
B
T55B157M6R3C0100
94.5
8
100
1.14
2000
105
150
B
T55B157M6R3C0070
94.5
8
70
1.36
2000
105
150
B
T55B157M6R3C0055
94.5
8
55
1.53
2000
105
150
B
T55B157M6R3C0045
94.5
8
45
1.70
2000
105
150
B
T55B157M6R3C0040
94.5
8
40
1.80
2000
105
150
B
T55B157M6R3C0035
94.5
8
35
1.93
2000
105
150
B
T55B157M6R3C0025
94.5
8
25
2.28
2000
105
150
Z
T55Z157M6R3C0035
94.5
10
35
2.31
2000
105
150
Z
T55Z157M6R3C0025
94.5
10
25
2.73
2000
105
150
Z
T55Z157M6R3C0018
94.5
10
18
3.22
2000
105
150
V
T55V157M6R3C0055
94.5
10
55
1.84
2000
125
150
V
T55V157M6R3C0045
94.5
10
45
2.03
2000
125
150
V
T55V157M6R3C0040
94.5
10
40
2.16
2000
125
150
V
T55V157M6R3C0035
94.5
10
35
2.31
2000
125
150
V
T55V157M6R3C0025
94.5
10
25
2.73
2000
125
150
V
T55V157M6R3C0018
94.5
10
18
3.22
2000
125
150
D
T55D157M6R3C0025
94.5
10
25
3.00
2000
125
220
B
T55B227M6R3C0200
138.6
8
200
0.80
2000
105
220
B
T55B227M6R3C0070
138.6
8
70
1.36
2000
105
220
B
T55B227M6R3C0045
138.6
8
45
1.69
2000
105
220
B
T55B227M6R3C0035
138.6
8
35
1.93
2000
105
220
B
T55B227M6R3C0025
138.6
8
25
2.28
2000
105
220
Z
T55Z227M6R3C0025
138.6
10
25
2.73
2000
105
220
Z
T55Z227M6R3C0018
138.6
10
18
3.22
2000
105
220
V
T55V227M6R3C0050
138.6
10
50
1.93
2000
125
220
V
T55V227M6R3C0045
138.6
10
45
2.03
2000
125
220
V
T55V227M6R3C0040
138.6
10
40
2.16
2000
125
220
V
T55V227M6R3C0035
138.6
10
35
2.31
2000
125
220
V
T55V227M6R3C0025
138.6
10
25
2.73
2000
125
220
V
T55V227M6R3C0018
138.6
10
18
3.22
2000
125
220
V
T55V227M6R3C0015
138.6
10
15
3.53
2000
125
220
D
T55D227M6R3C0055
138.6
10
55
2.02
2000
125
220
D
T55D227M6R3C0050
138.6
10
50
2.12
2000
125
220
D
T55D227M6R3C0040
138.6
10
40
2.37
2000
125
220
D
T55D227M6R3C0035
138.6
10
35
2.53
2000
125
220
D
T55D227M6R3C0025
138.6
10
25
3.00
2000
125
220
D
T55D227M6R3C0009
138.6
10
9
5.00
2000
125
220
D
T55D227M6R3C0008
138.6
10
8
5.30
2000
125
220
D
T55D227M6R3C0007
138.6
10
7
5.66
2000
125
330
V
T55V337M6R3C0050
207.9
10
50
1.93
2000
105
330
V
T55V337M6R3C0045
207.9
10
45
2.03
2000
105
330
V
T55V337M6R3C0040
207.9
10
40
2.16
2000
105
330
V
T55V337M6R3C0025
207.9
10
25
2.73
2000
105
330
V
T55V337M6R3C0018
207.9
10
18
3.22
2000
105
330
V
T55V337M6R3C0015
207.9
10
15
3.53
2000
105
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
Ω)
MAX. RIPPLE
AT 45 °C
100 kHz IRMS
(A)
HIGH
TEMPERATURE
LOAD, TIME
(h)
MAX.
OPERATING
TEMPERATURE
(°C)
Notes
• Termination code “C”: cases C, J, P: 100 % tin, case A, T, B, Z, V, D: Ni / Pd / Au
(1) High temperature load time is 2000h at +105 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com