Electronic Components Datasheet Search
  English  ▼

X  

T55 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T55
Description  vPolyTanTM Polymer Surface-Mount Chip Capacitors, Molded Case, High Performance Type
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T55 Datasheet(HTML) 3 Page - Vishay Siliconix

  T55 Datasheet HTML 1Page - Vishay Siliconix T55 Datasheet HTML 2Page - Vishay Siliconix T55 Datasheet HTML 3Page - Vishay Siliconix T55 Datasheet HTML 4Page - Vishay Siliconix T55 Datasheet HTML 5Page - Vishay Siliconix T55 Datasheet HTML 6Page - Vishay Siliconix T55 Datasheet HTML 7Page - Vishay Siliconix T55 Datasheet HTML 8Page - Vishay Siliconix T55 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
T55
www.vishay.com
Vishay Polytech
Upgrade for High Reliability With T56
Revision: 16-Aug-2023
3
Document Number: 40174
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
2.5 V
4.0 V
6.3 V
7.0 V
10 V
12.5 V
16 V
20 V
25 V
35 V
50 V
63 V
1.0
B
2.2
BB
3.3
J / P
J / P
4.7
J / P / A
P / A
B
C / D
6.8
P / A
A
B
B
B
10
J / P / A
P / A
P / A
B
B
B / D
D
D
15
P / A
A
A
T
B
B / V
B / V
V
D
22
A
A / B
A / T / B
A / T / B
B
V
V
Z / V / D
33
A
A / B
A / T / B
A / T / B
B / V / D
V
Z / V / D
D
47
A
A / T / B
A / T / B
B
Z / V / D
Z / V
D
D
68
A / B
A / T / B
T / B
V
V
D
100
A / T / B
A / T / B
A / T / B /
Z / V / D
A
Z / V / D
Z / V / D
D
D
150
B
B / Z / V
B / Z / V / D
Z / V / D
D
220
B / V
B / Z / V / D B / Z / V / D
Z / V / D
330
B / Z / V / D
Z / V / D
V / D
D
470
B / Z / V / D
Z / D
V / D
D
680
D
D
D
1000
D
MARKING
VOLTAGE CODE
CAPACITANCE CODE
V
CODE
CAP, μF
CODE
2.5
e
1.0
A6
4G
1.5
E6
6.3 (7)
J
2.2
J6
10
A
3.3
N6
12.5
B
4.7
S6
16
C
6.8
W6
20
D
10
A7
25
E
15
E7
35
V
22
J7
50
H
33
N7
63
J
47
S7
68
W7
100
A8
150
E8
220
J8
330
N8
470
S8
680
W8
1000
A9
A7JA
Simplified code of nominal
capacitance (A7: 10 μF)
Simplified code of rated
voltage (J: 6.3 (7) V)
Anode indication belt mark
+
A case
Date code
+
T, B, Z, V, D, C case
Date code
NA
JS7
Anode indication belt mark
Simplified code of
rated voltage (J: 6.3 V)
Simplified code of
nominal capacitance (S7: 47 μF)
Type of series
(N: T55)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com