Electronic Components Datasheet Search
  English  ▼

X  

0ADBC Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0ADBC
Description  Fast-Acting Fuse Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ADBC Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0ADBC Datasheet HTML 1Page - Bel Fuse Inc. 0ADBC Datasheet HTML 2Page - Bel Fuse Inc. 0ADBC Datasheet HTML 3Page - Bel Fuse Inc. 0ADBC Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type 0ADBC /0ADBP
2 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2024 Bel Fuse, Inc.
Rev. 0ADBC/0ADBP Nov2024
Electrical specifications
Part Number
Ampere
Rating
Typical Cold
Resistance
(mOhms)
Voltage and
Interrupting Ratings
Typical Voltage Drop
( mV)
Typical Pre
–Arcing I²t
(A²Sec)
0ADBC0200-BE
200mA
3900
See Table of Ratings
on Page 1 for Voltage
and associated
Interrupting Ratings
916
0.0031
0ADBP0200-RE
0ADBC0250-BE
250mA
2755
850
0.009
0ADBP0250-RE
0ADBC0315-BE
315mA
1875
900
0.050
0ADBP0315-RE
0ADBC0400-BE
400mA
1845
860
0.059
0ADBP0400-RE
0ADBC0500-BE
500mA
1160
600
0.081
0ADBP0500-RE
0ADBC0600-BE
600mA
1030
550
0.178
0ADBP0600-RE
0ADBC0800-BE
800mA
530
510
0.256
0ADBP0800-RE
0ADBC1000-BE
1A
450
560
0.21
0ADBP1000-RE
0ADBC1250-BE
1.25A
260
550
1.45
0ADBP1250-RE
0ADBC1600-BE
1.6A
185
395
0.80
0ADBP1600-RE
0ADBC2000-BE
2A
150
400
1.25
0ADBP2000-RE
0ADBC2500-BE
2.5A
88
300
4.5
0ADBP2500-RE
0ADBC3000-BE
3A
60
270
7.54
0ADBP3000-RE
Consult manufacturer for other ratings
*DC Cold Resistance are measured at <10% of rated current in ambient temperature of 25℃
*Typical Pre-arcing I2t are measured at 10In Current
Specifications subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com