Electronic Components Datasheet Search
  English  ▼

X  

0ADBC Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # 0ADBC
Description  Fast-Acting Fuse Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0ADBC Datasheet(HTML) 3 Page - Bel Fuse Inc.

  0ADBC Datasheet HTML 1Page - Bel Fuse Inc. 0ADBC Datasheet HTML 2Page - Bel Fuse Inc. 0ADBC Datasheet HTML 3Page - Bel Fuse Inc. 0ADBC Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type 0ADBC /0ADBP
3 / 4
Bel Fuse Inc.
300 Executive Drive, Suite 300,
West Orange, NJ 07052 USA
+1 201.432.0463
Bel.US.CS@belf.com
belfuse.com/circuit-protection
© 2024 Bel Fuse, Inc.
Rev. 0ADBC/0ADBP Nov2024
Temperature Re-Rating Curve
Average Time Current Curve
Soldering parameters for Pigtail Type
Wave Soldering Compatible: (260℃,10 sec max)
Hand-Solder:
Solder Iron Temperature: (350℃+/-5℃)
Heating Time:(5 sec max)
Specifications subject to change without notice
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-50 -40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120 130
Ambient Temperature °C
0.01
0.1
1
10
100
1000
10000
0.1
1
10
100
Current (Amperes)
Time Current Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com