Electronic Components Datasheet Search
  English  ▼

X  

MAX4271 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX4271
Description  3V to 12V Current-Limiting Hot-Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX4271 Datasheet HTML 14Page - Maxim Integrated Products MAX4271 Datasheet HTML 15Page - Maxim Integrated Products MAX4271 Datasheet HTML 16Page - Maxim Integrated Products MAX4271 Datasheet HTML 17Page - Maxim Integrated Products MAX4271 Datasheet HTML 18Page - Maxim Integrated Products MAX4271 Datasheet HTML 19Page - Maxim Integrated Products MAX4271 Datasheet HTML 20Page - Maxim Integrated Products MAX4271 Datasheet HTML 21Page - Maxim Integrated Products MAX4271 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
3V to 12V Current-Limiting Hot-Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
18
______________________________________________________________________________________
Case B. Startup With Current Regulation
In applications where the board capacitance (CBOARD)
at VOUT is high, the inrush current causes a voltage
drop across RSENSE that exceeds the fast comparator
threshold (VFC,TH). In this case, the current charging
CBOARD can be considered constant and the turn-on
time is determined by:
tON = CBOARD ✕ VIN / IFAST,SET
where the maximum load current IFAST,SET = VFC,TH /
RSENSE. Figure 3 shows the waveforms and timing dia-
grams for a startup transient with current regulation. (See
Startup Time (CBOARD = 470µF) in the Typical Operating
Characteristics.) When operating under this condition, an
external gate capacitor is not required. Adding an exter-
nal gate capacitor at GATE to GND reduces the regulat-
ed current ripple but increases tOFF by increasing the
gate delay (td) (Figure 4).
The actual startup time is determined by the longer of
the two timings of Case A and Case B. Set the startup
timer tSTART at 2 ✕ tON to guarantee enough time for
the output voltage to settle; also take into consideration
device parameter variation.
Retry
The retry timer defines the dead time before the IC tries
to restart a startup sequence following a fault detection.
This feature is available on the MAX4272/MAX4273.
Before selecting the retry timer value, determine how
long a temporary high-current fault condition may be
present. In the event of a permanent fault, the automat-
ic retry will effectively force current pulses through the
Figure 8. Startup and Retry Timeout
tON AND tRETRY vs.
CTON AND CTIM
CAPACITANCE (nF)
10,000
0.1
0.01
1
10
100
1000
0.01
10
100
0.1
1
1000
tRETRY vs. CTIM (MAX4272/MAX4273)
tON vs. CTIM (MAX4271/MAX4272)
tON vs. CTON (MAX4273)
Figure 9. Operation with an External Capacitor
M1
CSPD
*OPTIONAL (SEE TEXT)
CTIM
CTIM
GATE
SENSE
GND
CSPD
ON
RSENSE
VOUT
CGATE
CBOARD
VIN
IN
RS*
MAX4271
MAX4272
MAX4273
RPULLUP
STAT
Table 6. “No-Overcurrent” Turn-On Timing (Startup Without Current Limit)
MOSFET tON (ms)
MOSFET tOFF (ms)
DEVICE
CGATE
(nF)
VIN = 3V
VIN = 5V
VIN = 12V
VIN = 3V
VIN = 5V
VIN = 12V
0
0.22
0.16
0.19
0.07
0.13
0.145
Fairchild FDS6670A
22
2.3
2
3.2
0.54
1.1
1.95
0
0.175
0.130
0.16
0.075
0.13
0.16
International Rectifier
IRF7401
22
1.9
1.8
3.5
0.54
1.1
2.0
0
0.101
0.074
0.073
0.033
0.067
0.085
Motorola MMSF5N03HD
22
2.0
1.8
3.2
0.470
1.0
1.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com