Electronic Components Datasheet Search
  English  ▼

X  

MAX4271 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4271
Description  3V to 12V Current-Limiting Hot-Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4271 Datasheet HTML 1Page - Maxim Integrated Products MAX4271 Datasheet HTML 2Page - Maxim Integrated Products MAX4271 Datasheet HTML 3Page - Maxim Integrated Products MAX4271 Datasheet HTML 4Page - Maxim Integrated Products MAX4271 Datasheet HTML 5Page - Maxim Integrated Products MAX4271 Datasheet HTML 6Page - Maxim Integrated Products MAX4271 Datasheet HTML 7Page - Maxim Integrated Products MAX4271 Datasheet HTML 8Page - Maxim Integrated Products MAX4271 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3V to 12V Current-Limiting Hot-Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +2.7V to +13.2V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = +5V and TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Slow Turn-Off Time
tSLOW,OFF
Time from trigger to VGATE < 0.1V
(triggered by either the ON input or the
slow comparator), CGATE = 1000pF to
GND
60
µs
Fast Turn-Off Time
tFAST,OFF
Time from current overload to VGATE < 0.1V
(triggered by the fast comparator, during
normal operation), CGATE = 1000pF to GND
15
μs
Maximum Gate Protection
Voltage
Voltage at which internal zener clamp
circuitry is triggered, measured with
respect to VIN (MAX4271/MAX4272),
measured with respect to VLLMON
(MAX4273)
6.7
7.5
V
VIN
≥ 5V
5
Minimum Gate Drive Voltage
Measured with
respect to VIN,
IGATE = 8.5µA
VIN
≥ 2.7V
2.7
V
During fast discharge, due to a fast
comparator fault in normal operation
0.4
1
2.75
mA
During startup (current regulation provided
by fast comparator)
25
70
195
Gate Discharge Current
IGATE,DIS
During normal discharge, due to a slow
comparator fault in normal mode, or by ON
going low
75
200
550
μA
LLMON Overvoltage Threshold
Startup is initiated only after VLLMON is less
than this voltage (MAX4273)
0.1
V
GATE Overvoltage Threshold
Startup is initiated only after VGATE is less
than this voltage
0.1
0.6
V
LLMON Impedance
Impedance to GND, after a fault (MAX4273)
1
k
Ω
REFERENCE (MAX4273)
Output Voltage
VREF
No load, VIN = 5V
1.164
1.2
1.236
V
Line Regulation
ΔVREF, LINE 2.7V ≤ VIN ≤ 13.2V, no load
1
8
mV
Load Regulation
ΔVREF,
LOAD
IREF = 0 to 100
μA, VIN = 5V
0.6
3
mV
ON AND RESET COMPARATORS
Threshold Voltage
VIN = 5V, rising threshold at ON or INC
0.575
0.6
0.625
V
Hysteresis
VHYST
3mV
Power-Supply Rejection Ratio
PSRR
2.7V
≤ VIN ≤ 13.2V
±1
mV/V
10mV overdrive, ON going positive or
negative, INC going negative
10
μs
Propagation Delay
tD,COMP
INC going positive
100
150
200
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com