Electronic Components Datasheet Search
  English  ▼

X  

APL Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # APL
Description  Hydraulic Magnetic Circuit Protectors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

APL Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  APL Datasheet HTML 1Page - Sensata Technologies, Inc. APL Datasheet HTML 2Page - Sensata Technologies, Inc. APL Datasheet HTML 3Page - Sensata Technologies, Inc. APL Datasheet HTML 4Page - Sensata Technologies, Inc. APL Datasheet HTML 5Page - Sensata Technologies, Inc. APL Datasheet HTML 6Page - Sensata Technologies, Inc. APL Datasheet HTML 7Page - Sensata Technologies, Inc. APL Datasheet HTML 8Page - Sensata Technologies, Inc. APL Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MULTI-POLE CIRCUIT PROTECTORS
Multi-pole protectors are combined in an assembly with the
actuating handles linked and the trip mechanisms internally
coupled. A fault in either protected circuit opens all poles
simultaneously. Applications include use in two-phase circuits,
single-phase three-wire systems or in two or more related but
electrically isolated circuits. A mix of delays, ratings and
configurations is possible, with the series type having any of
the auxiliary switches listed. Combinations up to nine poles are
available.
(SEE TABLE)
“A”
.75 ± .015
[19.05 ± .38]
(TYP)
ON
ON
1.448
[36.78]
.432
[10.97]
2.280
[57.91]
.750
[19.05]
.432
[10.97]
1.448
[36.78]
2.060
[52.32]
1.530
[38.86]
Ø 4X .156
[3.96]
.432
[10.97]
1.448
[36.78]
Ø 2X .156
[3.96]
.755
[19.18]
2.060
[52.32]
.750
[19.05]
.750
[19.05]
2.060
[52.32]
Ø 6X .156
[3.96]
One Pole
Two Pole
Three Pole
Mounting Details
Panel Mounting Tolerances: ±.005 [.13] unless noted.
MULTI-POLE DIMENSIONS
2 pole “A”
1.515 [38.48] max
3 pole “A”
2.265 [57.53] max
4 pole “A”
3.015 [76.58] max
5 pole “A”
3.765 [95.63] max
6 pole “A”
4.515 [114.68] max
7 pole “A”
5.265 [133.73] max
8 pole “A”
6.015 [152.78] max
9 pole “A”
6.765 [171.83] max
Note: Dimension “A” varies with # of poles
APL/UPL Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com